Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2L24S09S-1W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TP2L24S09S-1W
Description  1W Isolated Wide Input Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L24S09S-1W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TP2L24S09S-1W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L24S09S-1W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L24S09S-1W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP2L-1W Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 2 / 3
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
APPLICATION NOTES
External capacitance
These converters will work without external capacitors, in order to
guarantee the full parametric performance over the full line and load
range we recommended you to use the value we listed at right side. All
parts have been tested and characterized using the following values
and test circuit.
External Capacitor Table
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cout
(uF)
3.3
1000
±5
330
5
680
±9
330
9
560
±12
220
12
470
±15
150
15
330
±24
100
24
220
-
-
RECOMMENDED CIRCUIT
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-50
125
Temp.Rise at full loat
185
35
Lead temperature
1.5mm from case for 10 seconds
300
No-load power consumption
120
mW
Cooling
Free Air Convection
Short circuit protection
Continuous.automatic recovery
Case material
PIastic (UL94-V0)
MTBF
1000
K hours
Weight
5
g
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1minute and 1mA max
1500
VDC
Isolation resistance
Test at 500 VDC
1
Isolation capacitance
Input/Output,100KHZ/1V
35
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output power
Refer to product program
0.1
1
W
Output voltage accuracy
Refer to recommended circuit
±1
±3
%
Load regulation
10% to100% load (TP2L-D-1W)
±0.5
±0.75
%
Load regulation
10% to100% load (TP2L-S-1W)
±0.5
±1.0
%
Line regulation
Input Voltage from low to high
±0.2
±0.5
%
Temperature drift ( Vout )
Refer to recommended circuit
±0.03
%/℃
Ripple & Noise
20MHZ Bandwidth
25
75
mVp-p
Switching frequency
100% load ,input voltage range
300
KHZ
Single Output
Dual Output


Similar Part No. - TP2L24S09S-1W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L24S09S-1W TOPPOWER-TP2L24S09S-1W Datasheet
478Kb / 3P
   1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
More results

Similar Description - TP2L24S09S-1W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L-1W TOPPOWER-TP2L-1W_17 Datasheet
478Kb / 3P
   1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTF MURATA-KDC_NTF Datasheet
204Kb / 8P
   Isolated 1W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPA48V TOPPOWER-TPA48V Datasheet
647Kb / 3P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPJ TOPPOWER-TPJ_V01 Datasheet
754Kb / 3P
   1W 6KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com