Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM8LB11F32E-B-QFN24R Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFM8LB11F32E-B-QFN24R
Description  This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFM8LB11F32E-B-QFN24R Datasheet(HTML) 1 Page - Silicon Laboratories

  EFM8LB11F32E-B-QFN24R Datasheet HTML 1Page - Silicon Laboratories EFM8LB11F32E-B-QFN24R Datasheet HTML 2Page - Silicon Laboratories EFM8LB11F32E-B-QFN24R Datasheet HTML 3Page - Silicon Laboratories EFM8LB11F32E-B-QFN24R Datasheet HTML 4Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bulletin #1611083
_____________________________________________________________________________________________________
W7206F2 Silicon Labs Bulletin rev R
The information contained in this document is PROPRIETARY to Silicon Laboratories, Inc. and shall not be reproduced or used in part
or whole without Silicon Laboratories’ written consent. The document is uncontrolled if printed or electronically saved. Pg 3
User Registration
Register today to create your account on Silabs.com. Your personalized profile allows you to receive
technical document updates, new product announcements, “how-to” and design documents, product
change notices (PCN) and other valuable content available only to registered users.
http://www.silabs.com/profile
Bulletin Date: 11/8/2016
Bulletin Effective Date: 11/8/2016
Title: EFM8LB1/BB3 Datasheet Update Bulletin
Bulletin Details
Description:
Silicon Labs is pleased to announce the release of datasheet V1.0 and V1.01 for the EFM8 Laser Bee
and the EFM8 Busy Bee 3 MCUs.
The changes in the BB3 V1.0 datasheet are:
- All to be determined (TBD) values have been filled in with full characterization data.
- Added a note to clarify which DACs are available on the devices with only 2 DACs.
- Added a table on SMbus timing and operating frequency in master mode. The table details minimum
and maximum operating frequency for each class, hold times, start times, clock low and clock high
periods, and start and stop conditions.
- Added pinout information to the bootloader section to outline where the UART0 pins are located as well
as the C2 pins for each package.
- Added typical Cyclic Redundancy Check (CRC) Calculation Time for a read or write of a 256 byte block
of flash at 48 MHz.
The changes in the BB3 V1.01 datasheet are:
- Added a note in the part number table to describe and give further detail on the I-grade devices.
- Updated the QFN24 land pattern description to include the correct dimensions and openings to be used
for the center pad.
The changes to the LB1 V1.0 datasheet are:
- All to be determined (TBD) values have been filled in with full characterization data.
- Added a note to clarify which DACs are available on the devices with only 2 DACs.
- Added a table on SMbus timing and operating frequency in master mode. The table details minimum
and maximum operating frequency for each class, hold times, start times, clock low and clock high
periods, and start and stop conditions.
- Added pinout information to the bootloader section to outline where the UART0 and SMBus pins are
located as well as the C2 pins for each package.
- Added typical Cyclic Redundancy Check (CRC) Calculation Time for a read or write of a 256 byte block
of flash at 48 MHz.
The changes in the LB1 V1.01 datasheet are:
-Updated the QFN24 land pattern description to include the correct dimensions and openings to be used
for the center pad.
If you have any questions please contact your Silicon Labs representative.
Reason:
Version 1.0 EFM8LB1 Datasheet release
Version 1.01 EFM8LB1 Datasheet release
Version 1.0 EFM8BB3 Datasheet release


Similar Part No. - EFM8LB11F32E-B-QFN24R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8LB11F32E-A-QFN24 SILABS-EFM8LB11F32E-A-QFN24 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8LB11F32E-A-QFN32 SILABS-EFM8LB11F32E-A-QFN32 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8LB11F32E-A-QFP32 SILABS-EFM8LB11F32E-A-QFP32 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8LB11F32E-A-QSOP24 SILABS-EFM8LB11F32E-A-QSOP24 Datasheet
1Mb / 70P
   The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
More results

Similar Description - EFM8LB11F32E-B-QFN24R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1406261 SILABS-1406261 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1611181 SILABS-1611181 Datasheet
369Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1412112 SILABS-1412112 Datasheet
61Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410022 SILABS-1410022 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602262 SILABS-1602262 Datasheet
91Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1406262 SILABS-1406262 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1408281 SILABS-1408281 Datasheet
62Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1410171 SILABS-1410171 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1503161 SILABS-1503161 Datasheet
78Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1601181 SILABS-1601181 Datasheet
70Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
1602261 SILABS-1602261 Datasheet
92Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com