Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS9254D7P Datasheet(PDF) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS9254D7P
Description  High Precision PSR Constant Current LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS9254D7P Datasheet(HTML) 5 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS9254D7P Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9254D7P Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9254D7P Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9254D7P Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9254D7P Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9254D7P Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9254D7P Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS9254D7P Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WS9254ProductDescription
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
WINSEMI MICROELECTRONICS
www.winsemi.com Tel : +86-755-8250 6288
Fax : +86-755-8250 6299
5/8
Application Information
The WS9254 is a high performance power switch
specially designed for LED lighting, it uses the patent
constant current control technology of WINSEMI. The
WS9254 integrates a 600V power MOSFET. The accurate
LED current can be realized without opto-coupler and TL431
feedback circuit while minimizing the external component
count, lowering the total bill of material cost.
Start Up
The VCC capacitor will be charged through the
start-up resistor when the system is powered on, once the
voltage on VCC reaches the start-up threshold, the WS9254
will start to operate, and then the VCC is supplied by the
auxiliary winding.
Constant Current Control
Cycle-by-Cycle current sense is offered in WS9254, the
CS is connected to the current sense comparator, and the
voltage on CS will be compared with the internal 500mV
reference voltage, the MOSFET will be switched off when
the voltage on CS reaches the threshold. The output of the
comparator also includes a 500nS leading edge blanking
time
The primary peak current is given by:
)
(
508
P_PK
mA
R
I
CS
The current in LED can be calculated by the equation:
S
P
OUT
N
N
I
I
4
P_PK
Where,
NP: primary winding turns of transformer
NS: secondary winding turns of transformer
IP_PK: peak current in MOSFET
Feedback Network
The WS9254 senses the output information through the
feedback network and the FB threshold voltage is set to 1V.
The ratio of FB upper resistor to lower resistor is
recommended to about 4.0. The FB upper resistor can be
set to 300KΩ~750KΩ to improve efficiency of convertor.
Operation Switching Frequency
The WS9254 is designed to work in discontinuous
conduction mode and no external loop compensation
component is required while maintaining stability. The
maximum duty cycle is limited to 42%. The maximum
switching frequency should be set to less than 100KHz and
the minimum switching frequency should be set to more
than 20KHz. The maximum and minimum switching
frequency is limited in WS9254 to ensure the stability of
system.
The switching frequency can be set by the formula:
LED
LED
I
Lp
Ns
V
Np
f
2
2
8
Where, LP is the primary winding inductance of
transformer.
Protection Function
The WS9254 has several protection functions. The
internal MOSFET will be shut down immediately when the
voltage on VCC reaches the threshold of OVP and the
device will not recover until the protection condition is
removed. A 18V zener diode is designed in the WS9254 to
prevent the chip damage from the abnormal situation.
The thermal protection circuitry in the WS9254 senses
the die temperature after start up, and the thermal protection
threshold is set to 147℃
The system will work in low consumption mode when
the output LED short circuit or open circuit is detected.
While the WS9254 continuous to detect output status until
the LED recover to normal condition, and then the device
will be operate in normal mode.
PCB Layout
The following rules should be followed in WS9254 PCB
layout:


Similar Part No. - WS9254D7P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9254D7P ETC2-WS9254D7P Datasheet
598Kb / 8P
   High Precision PSR Constant Current LED Driver
More results

Similar Description - WS9254D7P

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
   High Precision PSR LED Constant Current Driver
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
   High Precision PSR Constant Current LED Driver
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
   High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
   High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
   High Precision PSR Constant Current LED Driver
logo
List of Unclassifed Man...
WS9252 ETC2-WS9252 Datasheet
561Kb / 8P
   High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com