Electronic Components Datasheet Search |
|
AA1210JR-071K Datasheet(PDF) 6 Page - YAGEO Corporation |
|
AA1210JR-071K Datasheet(HTML) 6 Page - YAGEO Corporation |
6 / 10 page Chip Resistor Surface Mount www.yageo.com Dec. 08 2015 V.3 Product specification 6 10 SERIES AA 0201 to 2512 F FU UN NC CT TIIO ON NA AL L D DE ES SC CR RIIP PT TIIO ON N O OP PE ER RA AT TIIN NG G T TE EM MP PE ER RA AT TU UR RE E R RA AN NG GE E Range: -55 °C to +155 °C P PO OW WE ER R R RA AT TIIN NG G Each type rated power at 70 °C: AA0201=1/20W (0.05W) AA0402=1/16 W (0.0625W) AA0603=1/10 W (0.1W) AA0805=1/8 W (0.125W) AA1206=1/4 W (0.25W) AA1210=1/2 W (0.5W) AA1218=1 W AA2010=3/4 W (0.75W) AA2512=1 W RATED VOLTAGE The DC or AA (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V = √(P X R) Or Maximum working voltage whichever is less Where V = Continuous rated DC or AA (rms) working voltage (V) P = Rated power (W) R = Resistance value (Ω) F FO OO OT TP PR RIIN NT T A AN ND D S SO OL LD DE ER RIIN NG G P PR RO OF FIIL LE ES S Recommended footprint and soldering profiles. Please refer to data sheet “Chip resistors mounting”. R RE ES SIIS ST TA AN NC CE E R RA AN NG GE E TEMPERATURE COEFFICIENT OF RESISTANCE PT040 2 100 M Ω TO 910 MΩ 100 mΩ to 910 mΩ ± 200 ppm/°C PT060 3 ± 200 ppm/°C PT080 5 ± 200 ppm/°C PT120 6 100 mΩ > 100 mΩ PT201 0 ± 100 ppm/°C ± 75 ppm/°C PT251 2 ± 100 ppm/°C ± 75 ppm/°C PACKING STYLE REEL DIMENSION AA0201 AA0402 AA0603 AA0805 AA1206 AA1210 AA1218 AA2010 AA2512 Paper/PE taping reel (R) 7" (178 mm) 10,000 10,000 5,000 5,000 5,000 5,000 --- --- --- 13" (330 mm) 50,000 50,000 20,000 20,000 20,000 20,000 --- --- --- Embossed taping reel (K) 7" (178 mm) --- --- --- --- --- --- 4,000 4,000 4,000 NOTE 1. For paper/PE/embossed tape and reel specifications/dimensions, please refer to data sheet “Chip resistors packing”. P PA AC CK KIIN NG G S ST TY YL LE E A AN ND D P PA AC CK KA AG GIIN NG G Q QU UA AN NT TIIT TY Y Table 3 Packing style and packaging quantity Fig. 10 Maximum dissipation (Pmax) in percentage of rated power as a function of the operating ambient temperature (Tamb) |
Similar Part No. - AA1210JR-071K |
|
Similar Description - AA1210JR-071K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |