Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2087 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M2087
Description  VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2087 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M2087 Datasheet HTML 1Page - Integrated Circuit Systems M2087 Datasheet HTML 2Page - Integrated Circuit Systems M2087 Datasheet HTML 3Page - Integrated Circuit Systems M2087 Datasheet HTML 4Page - Integrated Circuit Systems M2087 Datasheet HTML 5Page - Integrated Circuit Systems M2087 Datasheet HTML 6Page - Integrated Circuit Systems M2087 Datasheet HTML 7Page - Integrated Circuit Systems M2087 Datasheet HTML 8Page - Integrated Circuit Systems M2087 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
M2080/81/82 Datasheet Rev 0.4
3 of 14
Revised 30Jul2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M2080/81/82, M2085/86/87
VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
DETAILED BLOCK DIAGRAM
Figure 3: Detailed Block Diagram
DIVIDER SELECTION TABLES
Mfin Divider Look-Up Tables (LUT)
The FIN_SEL1:0 pins select the feedback divider value
(“Mfin”), which sets the overall PLL ratio range. Since
the VCSO frequency is fixed, this allows input reference
selection. The look-up tables vary by device variant.
M2080/81/82: Mfin Value LUT (Includes Divide by 32)
M2085/86/87: Mfin Value LUT (Includes Divide by 16)
Mfec and Rfec Divider Look-Up Tables (LUTs)
The FEC_SEL pins select the Mfec/Rfec divider ratio. The
look-up tables vary by device variant. The Mfec and
Rfec values also establish phase detector frequency.
A lower phase detector frequency improves jitter
tolerance and lowers loop bandwidth.
M2080/85: FEC Map LUT, OTU1 (255/238) and OTU2 (255/237)
M2081/86: FEC De-map LUT, OTU1 (238/255) or OTU2 (237/255)
Use this option for either OTU1 or OTU2 de-mapping
applications, but not both.
Phase
Locked
Loop
(PLL)
M2080 Series
SAW Delay Line
Phase
Shifter
VCSO
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
PLL
Phase
Detector
Loop Filter
Amplifier
External
Loop Filter
Components
FEC_SEL1:0
FIN_SEL1:0
Rfec
Div
MUX
0
REF_SEL
DIF_REF0
nDIF_REF0
1
Mfin Divider
LUT
Mfin Divider
(1, 4, 8, 32) or
(1, 4, 8, 16)
Mfec Div
NBW
R
IN
R
IN
Mfec / Rfec
Divider LUT
DIF_REF1
nDIF_REF1
Auto
Ref Sel
0
1
LOL
Phase
Detector
REF_ACK
AUTO
LOL
FOUT
nFOUT
CML or PECL
Options
P Divider
(1, 4, 8, 32,
or TriState)
P_SEL2:0
P Divider
LUT
2
2
3
FIN_SEL1:0
Mfin
Value
Sample Input Reference Freq. (MHz) Options
For M20801, M2081 & M20822
Note 1: For M2080 with Fvcso = 666.5143 or 669.3266
Note 2: For M2081 and M2082 with Fvcso = 622.0800.
0 0
32
19.44
0 1
8
77.76
10
4
155.52
11
1
622.08
Table 3: M2080/81/82: Mfin Value LUT (Includes Divide by 32)
FIN_SEL1:0
Mfin
Value
Sample Input Reference Freq. (MHz) Options
For M20851, M2086 & M20872
Note 1: For M2085 with Fvcso = 666.5143 or 669.3266
Note 2: For M2086 and M2087 with Fvcso = 622.0800.
0 0
16
38.88
0 1
8
77.76
10
4
155.52
11
1
622.08
Table 4: M2085/86/87: Mfin Value LUT (Includes Divide by 16)
FEC_SEL1:0
1
0
Mfec Rfec
Description
Base Input
Rate (MHz)
Fvcso =
Base Output
Rate (MHz)
For M2080 or M2085 with Fvcso = 666.5143 (OTU1 FEC rate):
0
0
15 14 255/238 OC-48 to OTU1 encode
622.08
666.5143
0
1
15 15 OTU1 repeater or jitter attenuator
666.5143 666.5143
For M2080 or M2085 with Fvcso = 669.3266 (OTU2 FEC rate):
1
0
85 79 255/237 OC-192 to OTU2 encode
622.08
669.3266
1
1
85 85 OTU2 repeater or jitter attenuator
669.3266 669.3266
Table 5: M2080/85: FEC Map LUT, OTU1 (255/238) and OTU2 (255/237)
FEC_SEL1:0
1
0
Mfec Rfec
Description
Base Input
Rate (MHz)
Fvcso =
Base Output
Rate (MHz)
For M2081 or M2086 with Fvcso = 622.08 (OTU1 or OTU2 FEC rate):
0
0
79 85 237/255 OTU2 to OC-192 decode 669.3266
622.08
0
1
79 79 OC-192 repeater or jitter attenuator
622.08
622.08
1
0
14 15 238/255 OTU1 to OC-48 decode 666.5143
622.08
1
1
14 14 OC-48 repeater or jitter attenuator
622.08
622.08
Table 6: M2081/86: FEC De-map LUT, OTU1 (238/255) or OTU2 (237/255)


Similar Part No. - M2087

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M20 STMICROELECTRONICS-M20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
logo
Dc Components
M20 DCCOM-M20 Datasheet
373Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Semtech Corporation
M20 SEMTECH-M20 Datasheet
108Kb / 3P
   RECTIFIER, up to 3kV, 330mA, 2關s
logo
Harwin Plc
M20-003 HARWIN-M20-003 Datasheet
41Kb / 1P
   LOOSE POLARISING PIN
logo
Micross Components
M20-015020-12 MICROSS-M20-015020-12 Datasheet
627Kb / 1P
   Tight Dimensional Pocket Tolerance
More results

Similar Description - M2087

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M1033 ICST-M1033 Datasheet
198Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1025 ICST-M1025 Datasheet
340Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
M2040 ICST-M2040 Datasheet
192Kb / 12P
   FREQUENCY TRANSLATION PLL WITH AUTOSWITCH
logo
MRV Communications, Inc...
DMR10GF MRV-DMR10GF Datasheet
866Kb / 4P
   SFP Multi-Rate Dual OTN/FEC Transponder
logo
Integrated Circuit Syst...
M2050 ICST-M2050 Datasheet
483Kb / 12P
   SAW PLL FOR 10GBE 64B/66B FEC
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com