Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD120515S-W5 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPD120515S-W5
Description  0.5W Isolated Twin Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPD120515S-W5 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPD120515S-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPD120515S-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPD120515S-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPD-W5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 3 / 3
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS-14PIN DIP
Pin
Function
1
-Vin
7
NC
8
-Vout2
9
+Vout2
10
-Vout1
11
+Vout1
14
+Vin
PIN CONNECTIONS-7PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
+Vout1
5
-Vout1
6
+Vout2
7
-Vout2
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) :520mm ±2mm
Tube Quantity : 25
Tube length (7 Pin SIP) : 520mm ±2mm
Tube Quantity : 25
0.30
0.20
12.70
1.25
YYWW
TPD050505S-W5
19.50
0.55
0.45
TPD050505D-W5
YYWW
19.50
4.60
3.60
2.13
15.24
0.55
0.45
1
7
8
9
11
14
1 2
4
5
6
10
7
9.80
6.80
6.00
10.00
0.55
0.45
4.60
3.60
2.54
2.54
1.09
0.30
0.20
7.62
2.00
bottom view
bottom view
TOPPOWER
TOPPOWER
14Pin DIP
封装
7Pin SIP
封装
14Pin DIP Tube
7Pin SIP Tube
0.65
5.10
12.00
9.30
5.00
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
Weight: 2.3g (DIP & SIP)
DIP Package
SIP Package
14Pin DIP Package
7Pin SIP Package
2.54
1.15
1.00 7
7 HOLES
1.15
1.00 6
2.54
6 HOLES


Similar Part No. - TPD120515S-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPD120515S-W5 TOPPOWER-TPD120515S-W5 Datasheet
797Kb / 3P
   0.5W 3KVDC Isolated Twin Output DC/DC Converters
More results

Similar Description - TPD120515S-W5

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPD-W5 TOPPOWER-TPD-W5_V01 Datasheet
797Kb / 3P
   0.5W 3KVDC Isolated Twin Output DC/DC Converters
logo
Microdc power Technolog...
RB-XLS MICRODC-RB-XLS Datasheet
660Kb / 4P
   Isolated 0.5W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMD MURATA-KDC_NMD Datasheet
140Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
Microdc power Technolog...
D-XNS MICRODC-D-XNS Datasheet
631Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
C&D Technologies
NMD CANDD-NMD Datasheet
116Kb / 2P
   Isolated 1W Twin Output DC-DC Converters
logo
Microdc power Technolog...
D-XNS-1W MICRODC-D-XNS-1W Datasheet
804Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
D-XS-1W MICRODC-D-XS-1W Datasheet
937Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
Toppower Electronic Tec...
TPD TOPPOWER-TPD Datasheet
189Kb / 3P
   1W Isolated Twin Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com