Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71K12S-000S3 Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 71K12S-000S3
Description  Calibration Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

71K12S-000S3 Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  71K12S-000S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 71K12S-000S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 71K12S-000S3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
BNC
75
Calibration Kit
Industrial Version
71CK010-170
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
3 / 3
Declaration of calibration options
Factory Calibration
Standard delivery for this kit includes a Factory Calibration. The Calibration Certificate issued reports
individual calibration results, traceable to Rosenberger standards, national / international standards are
not available. Model based standard definitions of the calibration standards are reported in Agilent/Keysight,
Rohde & Schwarz and Anritsu compatible VNA format.
Accredited Calibration
Not available.
For further, more detailed information see application note AN001 on the Rosenberger homepage.
Calibration interval
Recommendation
12 months
Recommended accessories
- Rosenberger Calibration Adaptor RPC-N 75 Ohm female to BNC 75 Ohm female P5K171-K2AS3
- Rosenberger Calibration Adaptor RPC-N 75 Ohm female to BNC 75 Ohm male P5K171-S2AS3
- Rosenberger Calibration Adaptor RPC-N 75 Ohm male to BNC 75 Ohm female P5S171-K2AS3
- Rosenberger Calibration Adaptor RPC-N 75 Ohm male to BNC 75 Ohm male P5S171-S2AS3
- Rosenberger Test Port Adaptor
- Rosenberger VNA Test cable kit and Microwave Cable Assemblies
For further, more detailed information please visit our homepage www.rosenberger.com.
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
30.07.15
Martin Moder
16.09.15
b00
14-1492
Maik Knoll
16.09.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 71K12S-000S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71K12S-000S3 ROSENBERGER-71K12S-000S3 Datasheet
99Kb / 3P
   Short Circuit Jack
More results

Similar Description - 71K12S-000S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
05CK010-150 ROSENBERGER-05CK010-150 Datasheet
648Kb / 3P
   Calibration Kit
60K36R-MSON3 ROSENBERGER-60K36R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60CK001-150 ROSENBERGER-60CK001-150 Datasheet
609Kb / 3P
   Calibration Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com