Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71S106-009N5 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 71S106-009N5
Description  BNC 75 STRAIGHT PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

71S106-009N5 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  71S106-009N5 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 71S106-009N5 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
BNC 75
STRAIGHT PLUG
71S106-009N5
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
75
Frequency
DC to 4 GHz
Return loss
 33 dB @ DC to 1 GHz
 30 dB @ 1 GHz to 2 GHz
 28 dB @ 2 GHz to 4 GHz
Insertion loss
 0.05 x
[GHz]
f
dB
Insulation resistance
 5 G
Center contact resistance
 1.5 m
Outer contact resistance
 1 m
Test voltage (at sea level)
1500 V rms
Working voltage (at sea level)
400 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
80 W @ 2 GHz
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
 500
Center contact captivation: axial
 15 N
Environmental data
Temperature range
-65 °C to +165 °C
Thermal shock
MIL-STD-202, Method 107, Condition B
Corrosion resistance
MIL-STD-202, Method 101, Condition B
Vibration
MIL-STD-202, Method 204, Condition B
Shock
MIL-STD-202, Method 213, Condition G
Moisture resistance
MIL-STD-202, Method 106
RoHS
compliant
Tooling
N/A
Suitable cables
RG 59 B/U
Weight
Weight
16.0 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
03.08.04
Sa. Krautenbacher
24.03.14
d00
14-0352
T. Krojer
24.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 71S106-009N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71S102-109N5 ROSENBERGER-71S102-109N5 Datasheet
92Kb / 2P
   BNC 75 STRAIGHT PLUG
71S102-110N5 ROSENBERGER-71S102-110N5 Datasheet
81Kb / 2P
   STRAIGHT PLUG FOR 93 CABLE
71S102-140N5 ROSENBERGER-71S102-140N5 Datasheet
71Kb / 2P
   BNC 75 Straight plug
71S102-1T6N5 ROSENBERGER-71S102-1T6N5 Datasheet
85Kb / 2P
   BNC 75 STRAIGHT PLUG
71S102-1V6N5 ROSENBERGER-71S102-1V6N5 Datasheet
72Kb / 2P
   BNC 75 Straight plug
More results

Similar Description - 71S106-009N5

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
71S102-1T6N5 ROSENBERGER-71S102-1T6N5 Datasheet
85Kb / 2P
   BNC 75 STRAIGHT PLUG
71S102-140N5 ROSENBERGER-71S102-140N5 Datasheet
71Kb / 2P
   BNC 75 Straight plug
71S102-109N5 ROSENBERGER-71S102-109N5 Datasheet
92Kb / 2P
   BNC 75 STRAIGHT PLUG
71S102-1V6N5 ROSENBERGER-71S102-1V6N5 Datasheet
72Kb / 2P
   BNC 75 Straight plug
71S107-802N5 ROSENBERGER-71S107-802N5 Datasheet
42Kb / 2P
   BNC 75 STRAIGHT PLUG
logo
Molex Electronics Ltd.
0731713400 MOLEX11-0731713400 Datasheet
63Kb / 1P
   75 Ohms, Mini BNC, Plug, Straight
0731710731 MOLEX-0731710731_V01 Datasheet
41Kb / 1P
   75 Ohms, BNC Straight Plug, RG6
logo
Winchester Electronics ...
SD2065-E00-3CW02N WINCHESTER-SD2065-E00-3CW02N Datasheet
108Kb / 1P
   BNC 75 PLUG BNC 75 PLUG (ROHS COMPLIANT)
logo
Molex Electronics Ltd.
0731710731 MOLEX11-0731710731 Datasheet
52Kb / 1P
   75 Ohms, BNC Straight Plug, RG6
0731713400 MOLEX-0731713400 Datasheet
56Kb / 1P
   75 Ohms, Mini BNC, Plug, Straight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com