Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

408-10021 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 408-10021
Description  The CERTI--CRIMP II Tool Holder Assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

408-10021 Datasheet(HTML) 4 Page - Tyco Electronics

  408-10021 Datasheet HTML 1Page - Tyco Electronics 408-10021 Datasheet HTML 2Page - Tyco Electronics 408-10021 Datasheet HTML 3Page - Tyco Electronics 408-10021 Datasheet HTML 4Page - Tyco Electronics 408-10021 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
408- 10021
CERTI- CRIMP II Tool Holder Assembly 1213860- 1
Rev C
4
of 5
Tyco Electronics Corporation
There are four different crimp heights. Refer to
Figure 6.
Although Tyco Electronics normally recommends
Position No. 2 (adjustment of the manufacturer),
Positions No. 3 and No. 4 increase the travel of
the tool head, which decreases the crimp height.
Position No. 1 decreases the the travel of the
head, which increases the crimp height.
Figure 6
Use a Flat--Bladed Screwdriver
Crimp Height Adjustment
(One Step Equals 0.1mm [.004 In.])
5. OPERATION
The tool holder assembly is used with the SDE
Electric Bench Terminator and a CERTI--CRIMP II
Crimping Head. For operating instructions, refer to
Customer Manual 409--10052.
6. PREVENTIVE MAINTENANCE AND INSPECTION
It is recommended that a maintenance and inspection
program be performed periodically to ensure
dependable and uniform terminations.
To avoid personal injury, ALWAYS DISCONNECT
the SDE Electric Bench Terminator before
performing maintenance or inspection.
6.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
with a clean, soft brush, or a lint--free cloth. DO
NOT use objects that could damage the adapter.
2. Make sure that all components are in place and
secure.
3. Make certain all surfaces are protected with a
thin coat of any good SAE 20 motor oil. DO NOT
oil excessively.
4. When the tool holder assembly is not in use,
store it in a clean, dry area.
6.2. Lubrication
Lubricate all pins, pivot points, and bearing surfaces
with a high quality grease. It is recommended using
Molykote paste which is a commercially available
lubricant. Lubricate according to the following
schedule:
If the tool holder assembly is used daily—lubricate
daily
If the tool holder assembly is used
occasionally—lubricate weekly
If the tool holder assembly is used
weekly—lubricate monthly
6.3. Visual Inspection
Regular inspections should be performed by
quality--control personnel. A record of scheduled
inspections should remain with the tool holder
assembly or be supplied to personnel responsible for
the tool holder assembly. Though recommendations
call for at least one inspection a month, the frequency
should be based on amount of use, working
conditions, operator training and skill, and established
company policies.
1. Remove all lubrication and accumulated film by
immersing the tool holder assembly in a suitable
commercial degreaser that will not affect paint or
plastic.
2. Make certain all components are in place.
3. Check all bearing surfaces for wear. Replace
any worn parts. If replacements are necessary,
refer to Section 7, REPLACEMENT AND REPAIR.
7. REPLACEMENT AND REPAIR
Customer--replaceable parts are listed in Figure 7.
A complete inventory should be stocked and
controlled to prevent lost time when replacement of
parts is necessary. Parts other than those listed
should be replaced by Tyco Electronics to ensure
quality and reliability. Order replacement parts
through your Tyco Electronics Representative, or call
1--800--526--5142, or send a facsimile of your
purchase order to 717--986--7605, or write to:
CUSTOMER SERVICE (038--035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105--3608
For customer repair service, call 1--800--526--5136.
8. REVISION SUMMARY
S
Added “Original Instructions”
I
NOTE
i
DANGER


Similar Part No. - 408-10021

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-10020 TEC-408-10020 Datasheet
126Kb / 3P
   Extraction/Lance Reset Tool
logo
Tyco Electronics
408-10022 MACOM-408-10022 Datasheet
91Kb / 2P
   Die Assembly
408-10029 MACOM-408-10029 Datasheet
237Kb / 9P
   Reasons for reissue are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 408-10021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4303 MACOM-408-4303 Datasheet
129Kb / 4P
   Pneumatic CERTI-CRIMP Tool Holder
408-4321 MACOM-408-4321 Datasheet
139Kb / 4P
   Pneumatic CERTI-CRIMP Tool
1583007 MACOM-1583007 Datasheet
94Kb / 1P
   CERTI- CRIMP II TOOL DATA SHEET EI SERIES CONNECTORS
59824-1 MACOM-59824-1 Datasheet
4Mb / 8P
   Premium CERTI-CRIMP II Hand Tools
logo
TE Connectivity Ltd
408-8547 TEC-408-8547 Datasheet
137Kb / 4P
   CERTI-CRIMP II Straight Action Hand Tools
logo
Tyco Electronics
1583010 MACOM-1583010 Datasheet
244Kb / 2P
   CERTI-CRIMP II TOOL DATA SHEET 040 CT, EP, POWER DBL LOOK & DRAWER CONTACTS
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
logo
TE Connectivity Ltd
411-1050 TEC-411-1050 Datasheet
371Kb / 5P
   CERTI-CRIMP Hand Tools
408-10274 TEC-408-10274 Datasheet
145Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
408-10414 TEC-408-10414 Datasheet
167Kb / 5P
   The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com