Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20L60CTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR20L60CTG
Description  Switch-mode Power Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR20L60CTG Datasheet(HTML) 4 Page - ON Semiconductor

  MBR20L60CTG Datasheet HTML 1Page - ON Semiconductor MBR20L60CTG Datasheet HTML 2Page - ON Semiconductor MBR20L60CTG Datasheet HTML 3Page - ON Semiconductor MBR20L60CTG Datasheet HTML 4Page - ON Semiconductor MBR20L60CTG Datasheet HTML 5Page - ON Semiconductor MBR20L60CTG Datasheet HTML 6Page - ON Semiconductor MBR20L60CTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MBR20L60CTG MBRF20L60CTG
www.onsemi.com
4
0
2
4
6
8
10
12
14
16
18
20
80
90
100
110
120
130
140
150
160
TC, CASE TEMPERATURE (°C)
Figure 7. Current Derating, Case per Leg
MBRF20L60CT
dc
SQUARE WAVE
RqJC = 5.2°C/W
0
1
2
3
4
5
6
0
20
40
60
80
100
120
140
160
dc
SQUARE WAVE
RqJA = 75°C/W
TA, AMBIENT TEMPERATURE (°C)
Figure 8. Current Derating, Ambient per Leg
MBRF20L60CT
0
2
4
6
8
10
12
14
16
18
02468
10
12
14
16
18
20
dc
SQUARE WAVE
IO, AVERAGE FORWARD CURRENT (A)
Figure 9. Forward Power Dissipation
TJ = 150°C
10
100
1000
10000
0
10
2030
405060
VR, REVERSE VOLTAGE (V)
Figure 10. Capacitance
TJ = 25°C
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Figure 11. Thermal Response Junction−to−Case, per Leg for MBR20L60CT
t1, TIME (sec)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.1
0.05
0.01


Similar Part No. - MBR20L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR20L60CTG ONSEMI-MBR20L60CTG Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
More results

Similar Description - MBR20L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1620CTRG ONSEMI-MUR1620CTRG Datasheet
78Kb / 6P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 9
MBR4015CTLG ONSEMI-MBR4015CTLG Datasheet
84Kb / 4P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 7
MBR40L45CTG ONSEMI-MBR40L45CTG_15 Datasheet
100Kb / 6P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 3
MURHF860CT ONSEMI-MURHF860CT Datasheet
55Kb / 3P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 6
MBR30L45CTG ONSEMI-MBR30L45CTG_16 Datasheet
76Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 3
MBR30L60CTG ONSEMI-MBR30L60CTG Datasheet
85Kb / 7P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 2
MBR20H100CTG ONSEMI-MBR20H100CTG Datasheet
122Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 12
MBR6045WTG ONSEMI-MBR6045WTG Datasheet
57Kb / 3P
   Switch Mode Power Rectifier
July, 2014 ??Rev. 10
MBRP400100CTL ONSEMI-MBRP400100CTL Datasheet
117Kb / 3P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 6
MUR550APFG ONSEMI-MUR550APFG Datasheet
351Kb / 13P
   Switch-mode Power Rectifier
August, 2020 - Rev. 11
MUR620CTG ONSEMI-MUR620CTG_15 Datasheet
64Kb / 4P
   Switch Mode Power Rectifier
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com