Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVTS8120EMFST3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVTS8120EMFST3G
Description  Very Low Leakage Trench-based Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVTS8120EMFST3G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVTS8120EMFST3G Datasheet HTML 1Page - ON Semiconductor NRVTS8120EMFST3G Datasheet HTML 2Page - ON Semiconductor NRVTS8120EMFST3G Datasheet HTML 3Page - ON Semiconductor NRVTS8120EMFST3G Datasheet HTML 4Page - ON Semiconductor NRVTS8120EMFST3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NRVTS8120EMFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.4
1.0
0.8
0.6
0.4
0.2
0
0.1
1
10
100
Figure 3. Typical Reverse Characteristics
Figure 4. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
80
60
50
40
30
20
10
1.E−06
Figure 5. Typical Junction Capacitance
VR, REVERSE VOLTAGE (V)
0.1
10
1000
70
90
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
10
TA = 125°C
TA = −55°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 25°C
Figure 6. Current Derating per Device
TC, CASE TEMPERATURE (°C)
140
135
155
150
125
120
0
6
12
130
145
Square Wave
DC
RqJC = 2.7°C/W
TJ = 25°C
1.2
1.6
TA = 175°C
110
100
120
1.E−07
1
4
10
2
8
16
14
TA = 150°C
TA = 175°C
160
175
100
1.8
TA = 85°C
1.4
1.0
0.8
0.6
0.4
0.2
0.1
1
10
100
TA = 125°C
TA = −55°C
TA = 25°C
1.2
1.6
TA = 175°C
TA = 150°C
TA = 85°C
TA = 85°C
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
80
60
50
40
30
20
10
1.E−06
70
90
1.E−05
1.E−04
1.E−03
1.E−02
1.E−01
TA = 150°C
TA = 125°C
TA = 25°C
110
100
120
TA = 175°C
TA = 85°C
100
165 170


Similar Part No. - NRVTS8120EMFST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS8100MFS ONSEMI-NRVTS8100MFS Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTS8100MFST1G ONSEMI-NRVTS8100MFST1G Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTS8100MFST3G ONSEMI-NRVTS8100MFST3G Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTS8100PFS ONSEMI-NRVTS8100PFS Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
August, 2020 ??Rev. 1
NRVTS8100PFST3G ONSEMI-NRVTS8100PFST3G Datasheet
214Kb / 6P
   Schottky Barrier Rectifier, Trench-based
August, 2020 ??Rev. 1
More results

Similar Description - NRVTS8120EMFST3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTS10120EMFS ONSEMI-NTS10120EMFS Datasheet
69Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
June, 2014 ??Rev. 0
NTST40H120ECTG ONSEMI-NTST40H120ECTG Datasheet
67Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
July, 2015 ??Rev. 1
NTS12120EMFS ONSEMI-NTS12120EMFS Datasheet
111Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
March, 2014 ??Rev. 1
NTS10100EMFS ONSEMI-NTS10100EMFS Datasheet
110Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
April, 2014 ??Rev. 1
NTS12100EMFS ONSEMI-NTS12100EMFS Datasheet
69Kb / 5P
   Very Low Leakage Trench-based Schottky Rectifier
September, 2014 ??Rev. 2
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
NRVTSS3100E ONSEMI-NRVTSS3100E Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NTSS3100 ONSEMI-NTSS3100 Datasheet
66Kb / 5P
   Low Leakage Trench-based Schottky Rectifier
December, 2014 ??Rev. 0
NRVTSS5100E ONSEMI-NRVTSS5100E_16 Datasheet
72Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
November, 2016 ??Rev. 1
NRVTSS5100E ONSEMI-NRVTSS5100E Datasheet
116Kb / 6P
   Low Leakage Trench-based Schottky Rectifier
January, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com