Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2018002-5 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2018002-5
Description  Read these instructions thoroughly before using the seating tool kit.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2018002-5 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2018002-5 Datasheet HTML 1Page - TE Connectivity Ltd 2018002-5 Datasheet HTML 2Page - TE Connectivity Ltd 2018002-5 Datasheet HTML 3Page - TE Connectivity Ltd 2018002-5 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
© 2015 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
Instruction Sheet
408-10155
20 JAN 15
Rev C
Figure 1
1. INTRODUCTION
SFP+ surface mount PT connector and cage assembly seating tool kits listed in Figure 1 are used to seat the
cage assemblies described in Figure 1 onto the pc board. The cage assembly contains compliant pin contacts
to allow solderless pc board installation. The seating tool is not designed to seat the connector.
Read these instructions thoroughly before using the seating tool kit.
NOTE
Dimensions on this sheet are in metric units [with U.S. customary units in brackets]. Figures and illustrations are for reference
only and are not drawn to scale.
2. DESCRIPTION (Figure 1)
Each seating tool kit consists of a seating tool and a wall support. The seating tool and wall support are also
available separately. The seating tool has cutouts (two located on each side) to accept the protruding part of
the standoffs of the cage assembly. The wall support must be installed into the ports of the cage assembly.
The top of the seating tool provides a surface to accept the force applied by the application tool to seat the
product onto the pc board. During seating, the back and sides of the seating tool protect the cage assembly
from damage. The wall support supports the individual ports of the cage assembly.
Small Form-Factor Pluggable (SFP)+ and (SFT+
Enhanced) Surface Mount PT Connector and Cage
Assembly Seating Tool Kits 2018002-[ ] and 2215005-[
SEATING
TOOL KIT
SFT+ CAGE
ASSEMBLY
CONFIGURATION
SFP+ ENHANCED
CAGE ASSEMBLY
CONFIGURATION
APPLICATION
SPECIFICATION
2018002-1
1 X 4
---
114-13120
2018002-2
1 X 6
---
2018002-3
1 X 2
---
2018002-4
1 X 3
---
2018002-5
1 X 1
---
2018002-6
1 X 5
---
2215005-1
---
1 X 4
2215005-2
---
1 X 6
2215005-3
---
1 X 2
PC Board Support
Fixture (Ref)
Seating Tool Kit 2018002-1 (Shown)
NOTE: Connector not shown.
Compliant
Pin Contact
Back of
Seating Tool
Printed Circuit
(PC) Board (Ref)
1 X 4 Seating Tool
(Bottomed on Cage Assembly)
1 X 4 Cage Assembly
2007576 (Shown)
1 X 4 Wall Support
(For Clarity, Not
Shown Installed


Similar Part No. - 2018002-5

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
201803 SIPAT-201803 Datasheet
165Kb / 3P
   2017.5MHz SAW Filter 15MHz Bandwidth
More results

Similar Description - 2018002-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
   Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-8678 TEC-408-8678 Datasheet
333Kb / 6P
   Read these instructions thoroughly before using the tool assembly.
logo
Tyco Electronics
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
   Read and understand these instructions before using the seating tool.
logo
TE Connectivity Ltd
408-4546 TEC-408-4546 Datasheet
99Kb / 3P
   Read these instructions and understand them before using the seating tool.
408-8500 TEC-408-8500 Datasheet
293Kb / 4P
   Read these instructions and understand them before using the seating tool.
408-8465 TEC-408-8465 Datasheet
147Kb / 3P
   Read these instructions and understand them before using the seating tool.
408-8501 TEC-408-8501 Datasheet
186Kb / 4P
   Read these instructions and understand them before using the seating tool.
408-9916 TEC-408-9916 Datasheet
82Kb / 3P
   Read these instructions and understand them before using the seating tool.
logo
Tyco Electronics
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
   Read these instructions before using the extraction tool.
408-9450 MACOM-408-9450 Datasheet
255Kb / 5P
   Read these and all referenced instructions thoroughly before using the head.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com