Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2018280--5 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2018280--5
Description  Small Form- Factor Pluggable (SFP) Seating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2018280--5 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2018280--5 Datasheet HTML 1Page - TE Connectivity Ltd 2018280--5 Datasheet HTML 2Page - TE Connectivity Ltd 2018280--5 Datasheet HTML 3Page - TE Connectivity Ltd 2018280--5 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Instruction Sheet
Small Form- Factor Pluggable (SFP)+ Seating
Tool Kits 2018280- [ ] for
408--10261
LOC B
1
of 4
E
2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company
All Rights Reserved
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks.
*Trademark. Other logos, product and/or Company names may be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com
10 NOV 11 Rev C
Stacked PT Connector and Cage Assemblies
SEATING TOOL
KIT
SFP+ CONNECTOR
AND CAGE ASSEMBLY
CONFIGURATION
2018280--1
2¢1
2018280--2
2¢2
2018280--3
2¢4
2018280--4
2¢6
2018280--5
2¢8
2018280--6
2¢5
Figure 1
1. INTRODUCTION
SFP+ Seating Tool Kits 2018280--[ ] are used to seat
the SFP+ stacked PT connector and cage assembly
configurations given in Figure 1 onto the pc board.
The connector and cage assemblies contain press--fit
contacts to allow solderless pc board installation.
Read these instructions thoroughly before using the
seating tool kit.
Dimensions on this sheet are in metric units [with
U.S. customary units in brackets]. Figures are not
drawn to scale.
2. DESCRIPTION (See Figure 1)
Each seating tool kit consists of a seating tool and a
wall support. The seating tool and wall support are
also available separately. The seating tool has cutouts
(two located on each side) to accept the protruding
part of the standoffs of the cage assembly. The wall
support must be installed into the port(s) of the cage
assembly.
The top of the seating tool provides a surface to
accept the force applied by the application tool to seat
the connector and cage assembly onto the pc board.
During seating, the back and sides of the seating tool
protect the connector and cage assembly from
damage. The wall support supports the individual
port(s) of the cage assembly to prevent the cage
assembly from collapsing.
3. REQUIREMENTS
3.1. PC Board Support Fixture (Customer Supplied)
A pc board support must be used to provide proper
support for the pc board and to protect the pc board
and product from damage. The support fixture must
be designed for specific needs using the following
recommendations:
S
it should be at least 25.4 mm [1 in.] longer and
wider than the pc board.
Press--Fit
Contact
PC Board Support
Fixture (Ref)
Printed Circuit (PC)
Board (Ref)
2¢1SFP+StackedPT
Connector and Cage
Assembly (With Gasket)
2007538--1 (Shown)
Seating Tool Bottomed
on Cage Assembly
Wall Support
(For Clarity, Shown
Not Installed)
Back
Seating Tool Kit 2018280--1 Shown
NOTE
i


Similar Part No. - 2018280--5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2018280-1 TEC-2018280-1 Datasheet
1Mb / 10P
   Stacked Small Form-Factor Pluggable
2018280-2 TEC-2018280-2 Datasheet
1Mb / 10P
   Stacked Small Form-Factor Pluggable
2018280-3 TEC-2018280-3 Datasheet
1Mb / 10P
   Stacked Small Form-Factor Pluggable
2018280-4 TEC-2018280-4 Datasheet
1Mb / 10P
   Stacked Small Form-Factor Pluggable
2018280-5 TEC-2018280-5 Datasheet
1Mb / 10P
   Stacked Small Form-Factor Pluggable
More results

Similar Description - 2018280--5

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-32212 TEC-408-32212 Datasheet
333Kb / 4P
   Small Form-Factor Pluggable Cage Assembly Seating Tool
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
TE Connectivity Ltd
408-10259 TEC-408-10259 Datasheet
92Kb / 3P
   Small Form-Factor Pluggable (SFP) and zSFP
logo
Molex Electronics Ltd.
0759510999 MOLEX9-0759510999 Datasheet
109Kb / 2P
   Small Form Factor Pluggable (SFP) Dust Plug
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
logo
Advantech Co., Ltd.
SFP-GMM-550 ADVANTECH-SFP-GMM-550 Datasheet
290Kb / 2P
   Small Form-Factor Pluggable SFP. SFP and XFP Modules
22-Apr-2019
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com