Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT4 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # HT4
Description  Thermal Cycling Durability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HT4 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  HT4 Datasheet HTML 1Page - Laird Tech Smart Technology HT4 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.57
(39.9)
AWG 18 TEFLON
(SEE TABLE)
(-) BLACK
(+) RED
HOT FACE
(SEE TABLE)
COLD FACE
(SEE TABLE)
1.57
(39.9)
THICKNESS
(SEE TABLE)
1.73
(43.9)
Innovative Technology
for a Connected World
THR-DS-HT4,12,F2,4040 0509
Any information furnished by Laird Technologies and its agents is believed to be accurate and reliable. Responsibility for the use and application of Laird Technologies materials
rests with the end user since Laird Technologies and its agents cannot be aware of all potential uses. Laird Technologies makes no warranties as to the fitness, merchantability,
or suitability of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages
of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies terms and conditions of sale in effect from time to time, a copy of which will be furnished
upon request. For further information please visit our website at www.lairdtech.com Alternatively contact: sales@lairdtech.com. Bluetooth® is a trademark owned by Bluetooth SIG,
Inc., USA and licensed to Laird Technologies.
® 2008 All Rights Reserved. Laird Technologies is a registered trademark of Laird Technologies, Inc.
ThermaTECSeries HT4,12,F2,4040
Thermoelectric Modules
opEraTing TipS
• Max Operating Temperature: 175°C
• Do not exceed Imax or Vmax when
operating module
• Reference assembly guidelines for
recommended installation
THErmo
ElECTriC
Performance Curves at Th = 25°C
Delta T (°C)
Delta T (°C)
0.0
3.0
6.0
9.0
12.0
15.0
0
10
20
30
40
50
60
70
80
Ceramic Material: Alumina (Al
2O3)
Solder Construction: 271°C, Proprietary
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
0
10
20
30
40
50
60
70
80
3.8
3.1
2.3
1.5
0.8


Similar Part No. - HT4

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
HT400 GILWAY-HT400 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
Hotchip Technology Co.,...
HT4054 HOTCHIP-HT4054 Datasheet
869Kb / 7P
   Constant flow / constant voltage mode operatio
logo
Holtek Semiconductor In...
HT42B532-1 HOLTEK-HT42B532-1 Datasheet
1Mb / 17P
   USB to I 2C Bridge IC
HT42B532-X HOLTEK-HT42B532-X Datasheet
1Mb / 17P
   USB to I 2C Bridge IC
HT42B532-x HOLTEK-HT42B532-x Datasheet
1Mb / 18P
   USB to SPI Bridge IC
More results

Similar Description - HT4

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
TPUTTY-508 LSTD-TPUTTY-508 Datasheet
308Kb / 1P
   Demonstrated thermal cycling stability
logo
STMicroelectronics
T1610H STMICROELECTRONICS-T1610H Datasheet
273Kb / 9P
   High thermal cycling performance
May 2013 Rev 1
logo
Dynex Semiconductor
DIM1500ASM33-TL001 DYNEX-DIM1500ASM33-TL001 Datasheet
381Kb / 8P
   High Thermal Cycling Capability
logo
SEMTECH ELECTRONICS LTD...
BT134T SEMTECH_ELEC-BT134T Datasheet
152Kb / 2P
   For high thermal cycling performance
logo
Hirose Electric
TR0636E-10026 HIROSE-TR0636E-10026 Datasheet
1Mb / 21P
   IT3 Thermal Cycling Test Report
logo
WeEn Semiconductors
BT155W-1400T WEEN-BT155W-1400T Datasheet
538Kb / 13P
   SCR High thermal cycling performance
logo
Infineon Technologies A...
FF600R12ME4A_B11 INFINEON-FF600R12ME4A_B11_15 Datasheet
649Kb / 9P
   High Power and Thermal Cycling Capability
2015-09-09 revision:3.0
logo
NXP Semiconductors
BT152-800R NXP-BT152-800R_11 Datasheet
527Kb / 12P
   High thermal cycling performance Very high current surge capability
Rev. 2-9 June 2011
logo
Laird Tech Smart Techno...
HT8 LSTD-HT8 Datasheet
583Kb / 2P
   Power Cycling Reliability
logo
A-Data Technology
UV131 A-DATA-UV131 Datasheet
411Kb / 2P
   Zinc-alloy durability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com