Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMO4303CS Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # NMO4303CS
Description  UHF 406-512 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

NMO4303CS Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  NMO4303CS Datasheet HTML 1Page - Pulse A Technitrol Company NMO4303CS Datasheet HTML 2Page - Pulse A Technitrol Company NMO4303CS Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
18
www.pulseelectronics.com/products/antennas
NOTE: Antennas are not to scale
UHF 406-512 MHz
UHF GlAss MoUnT
Max
power
cable
Frequency
Gain
Height
Rating
whip
Assembly/
Model
Type
(MHz)
(dBd/dBi) (in)
(watts)
color
Mount
connector
KG406O/S
1/2
λ
406-420
0/2
15
100
Black
Order Separately
KG406UD
1/2
λ
406-420
0/2
15
100
Black
14’ RG-58/U
No Conn
KG406UDPL
1/2
λ
406-420
0/2
15
100
Black
14’ RG-58/U
PL-259
KG420O/S
1/2
λ
420-440
0/2
15
100
Black
Order Separately
KG420UDPL
1/2
λ
420-440
0/2
15
100
Black
14’ RG-58/U
PL-259
KG450O/S
1/2
λ
450-470
0/2
15
100
Black
Order Separately
KG450UD
1/2
λ
450-470
0/2
15
100
Black
14’ RG-58/U
No Conn
KG450UDPL
1/2
λ
450-470
0/2
15
100
Black
14’ RG-58/U
PL-259
KG470O/S
1/2
λ
470-490
0/2
15
100
Black
Order Separately
KG470UD
1/2
λ
470-490
0/2
15
100
Black
14’ RG-58/U
No Conn
KG490O/S
1/2
λ
490-512
0/2
15
100
Black
Order Separately
KG490UD
1/2
λ
490-512
0/2
15
100
Black
14’ RG-58/U
No Conn
KGUHFUDI/S
Inside Coupler Only 406-512
100
14’ RG-58/U
No Conn
Glass
Mount
Inside
Coupler
Outside
UHF low pRoFile
size
power
cable
Frequency
Gain
H x DiA
Rating
Assembly/
Model
(MHz)
(dBd/dBi)
(in)
(watts)
color
/Mount
LP406NMO
406-420
0/2
1.5 x 4.5
100
Black
Order Separately
LP406NMOW
406-420
0/2
1.5 x 4.5
100
Black
Order Separately
LP420NMO
416-430
0/2
1.5 x 4.5
100
Black
Order Separately
LP420NMOW
416-430
0/2
1.5 x 4.5
100
Black
Order Separately
LP450NMO
450-470
0/2
1.5 x 4.5
100
Black
Order Separately
LP450NMOW
450-470
0/2
1.5 x 4.5
100
Black
Order Separately
LP470NMO
470-490
0/2
1.5 x 4.5
100
Black
Order Separately
LP470NMOW
470-490
0/2
1.5 x 4.5
100
Black
Order Separately
LP490NMO
490-512
0/2
1.5 x 4.5
100
Black
Order Separately
LP490NMOW
490-512
0/2
1.5 x 4.5
100
Black
Order Separately
LPT450NMO
450-470
0/2
4.5 x 1.5
100
Black
Order Separately
LP
LPT
The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17’ of UD (RG-58/U Dual Shield).


Similar Part No. - NMO4303CS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
NMO4303CS PULSE-NMO4303CS Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
NMO4303CS PULSE-NMO4303CS Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
More results

Similar Description - NMO4303CS

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51006 PASTERNACK-PE51006 Datasheet
47Kb / 1P
   Wideband Mobile Antenna, 406 - 512 MHz, 2 dB
logo
M/A-COM Technology Solu...
MAPM-020512-040C00 MA-COM-MAPM-020512-040C00 Datasheet
64Kb / 2P
   Broadband UHF/VHF Power Module 20 - 512 MHz, 40W
MAPM-020512-010C00 MA-COM-MAPM-020512-010C00 Datasheet
62Kb / 2P
   Broadband UHF/VHF Power Module 20 - 512 MHz, 10W
logo
Adels-Contact
193308 ADELS-193308 Datasheet
117Kb / 1P
   ABK 406/ 8
193303 ADELS-193303 Datasheet
115Kb / 1P
   ABK 406/ 3
193309 ADELS-193309 Datasheet
117Kb / 1P
   ABK 406/ 9
193306 ADELS-193306 Datasheet
116Kb / 1P
   ABK 406/ 6
193307 ADELS-193307 Datasheet
116Kb / 1P
   ABK 406/ 7
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
logo
Adels-Contact
193311 ADELS-193311 Datasheet
119Kb / 1P
   ABK 406/11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com