Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMO220C Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # NMO220C
Description  VHF 136-220 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

NMO220C Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  NMO220C Datasheet HTML 1Page - Pulse A Technitrol Company NMO220C Datasheet HTML 2Page - Pulse A Technitrol Company NMO220C Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
14
www.pulseelectronics.com/products/antennas
NOTE: Antennas are not to scale
VHF 136-220 MHz
The most commonly used cable assembly/mount is the NMOKHFUD (27 MHz to 6 GHz) with 17’ of UD (RG-58/U Dual Shield).
NOTE: Larsen springs (SPRING or SPRINGB) can be added to most mobile antennas.
VHF coils/wHips
Max
power
cable
Frequency
Gain
Height
Rating
whip
Assembly/
Model
Type
(MHz)
(dBd/dBi)
(in)
(watts)
color
Mount
connector
MHW150BCO
1/2
λ
144-174
0/2
2.5
200
Coil Only
Order Separately
MHW150C
1/2
λ
144-174
0/2
51.5
200
Stainless
Order Separately
NMO150BCO
5/8
λ
144-174
2.5
200
Coil Only
Order Separately
NMO150B
5/8
λ
144-174
3/5.14
51.5
200
Black
Order Separately
NMO150C
5/8
λ
144-174
3/5.14
51.5
200
Stainless
Order Separately
NMO150BK
5/8
λ
144-174
3/5.14
51.5
200
Black
17’ RG-58A/U
PL-259
NMO150CK
5/8
λ
144-174
3/5.14
51.5
200
Stainless
17’ RG-58A/U
PL-259
NMO150HWBCO
5/8
λ
144-174
2.5
200
Coil Only
Order Separately
NMO150BHW
1/2
λ
144-174
0/2
51.5
200
Black
Order Separately
NMO150CHW
1/2
λ
144-174
0/2
51.5
200
Stainless
Order Separately
NMOU150D
Loaded 1/4
λ
150-165
0/2
18
200
Black
Order Separately
NMOU155D
Loaded 1/4
λ
155-170
0/2
18
200
Stainless
Order Separately
NMOWB150BCO
Wideband 1/2
λ
135-174
2.75
100
Coil Only
Order Separately
NMOWB150B
Wideband 1/2
λ
135-174
0/2
51.75
100
Black
Order Separately
NMOWB150C
Wideband 1/2
λ
135-174
0/2
51.75
100
Stainless
Order Separately
NMOWB150BK
Wideband 1/2
λ
135-174
0/2
51.75
100
Black
17’ RG-58A/U
PL-259
NMOWBQB
Wideband 1/4
λ
150-170
0/2
20
200
Black
Order Separately
NMOWBQC
Wideband 1/4
λ
150-170
0/2
20
200
Stainless
Order Separately
NMOQW144
1/4
λ
144-152
0/2
19
200
Stainless
Order Separately
NMOQW152
1/4
λ
152-162
0/2
19
200
Stainless
Order Separately
LM150BCO
5/8
λ
144-174
2.75
200
Coil Only
Order Separately
LM150B
5/8
λ
144-174
51.75
200
Black
Order Separately
LM150C
5/8
λ
144-174
51.75
200
Stainless
Order Separately
LMWBQ
Wideband 1/4
λ
150-170
0/2
18.5
200
Stainless
Order Separately
LMWBQB
Wideband 1/4
λ
150-170
0/2
18.5
200
Black
Order Separately
PO150BCO
5/8
λ
144-174
0/2
2.5
200
Coil Only
Order Separately
PO150B
5/8
λ
144-174
0/2
51.5
200
Black
Order Separately
PO150C
5/8
λ
144-174
0/2
51.5
200
Black
Order Separately
NMOQW
NMOWBQ
NMO150 /
NMOHW
LM
LMWB
MHW
NMOWB
NMOU
PO


Similar Part No. - NMO220C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
NMO2 PULSE-NMO2 Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO2/70B PULSE-NMO2/70B Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO2/70BCO PULSE-NMO2/70BCO Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
NMO2/70SH PULSE-NMO2/70SH Datasheet
273Kb / 1P
   MULTI BAND VHF/UHF
logo
NIC-Components Corp.
NMO200SGBF NIC-NMO200SGBF Datasheet
95Kb / 3P
   Metal Oxide Film Resistors
More results

Similar Description - NMO220C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
NMO27BCO PULSE-NMO27BCO Datasheet
251Kb / 1P
   Low/Mid Band 27-136 MHz
NMOQSPEC PULSE-NMOQSPEC Datasheet
233Kb / 1P
   TUNABLE 1/4 WAVE 136-960 MHz
logo
Gilway Technical Lamp
155-1456A GILWAY-155-1456A Datasheet
76Kb / 1P
   MR3G-1150-136
logo
KR Electronics, Inc.
3012-220 KR-3012-220 Datasheet
96Kb / 3P
   220 MHz Bandpass Filter
logo
World Produts Inc.
WPANT30068-RA WPI-WPANT30068-RA Datasheet
77Kb / 2P
   143 MHz VHF Whip Antenna
WPANT30036-RA WPI-WPANT30036-RA Datasheet
100Kb / 2P
   200 MHz VHF Whip Antenna
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
logo
OSA Opto Light GmbH
OLS-136HR OSA-OLS-136HR Datasheet
130Kb / 5P
   Series 136 - 1206 - Duplex bicolor
logo
M.S. Kennedy Corporatio...
MSK707 MSK-MSK707_15 Datasheet
499Kb / 6P
   Unity Gain Bandwidth - 220 MHz Typical
logo
Vectron International, ...
MO-9150A VECTRON-MO-9150A Datasheet
356Kb / 5P
   80-220 MHz High Performance Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com