Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C44AJGP5250ZA0J Datasheet(PDF) 1 Page - Kemet Corporation

Part # C44AJGP5250ZA0J
Description  Film, Metallized Polypropylene, Power, C44A, 25 uF, 5%, 700 V, 400 V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C44AJGP5250ZA0J Datasheet(HTML) 1 Page - Kemet Corporation

  C44AJGP5250ZA0J Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 36f014c1-8875-4d27-ae6f-4c99223dee45
KEMET Part Number: C44AJGP5250ZA0J
Film, Metallized Polypropylene, Power, C44A, 25 uF, 5%, 700 V, 400 V
Dimensions
D
60mm +/-0.5mm
L
101mm +/-2mm
S
22.3mm +/-0.5mm
Packaging Specifications
Mounting: Bolt - M12x12.5
Packaging: Bulk
Packaging Quantity: 16
General Information
Dielectric: Metallized Polypropylene
Style: Can
Series: C44A
RoHS: Yes
Lead: Threaded Studs M6
Miscellaneous: Thermal Resistance = 5.3 C/W
Specifications
Capacitance: 25 uF
Capacitance Tolerance: 5%
Voltage DC: 700 VDC
Voltage AC: 400 VAC
Temperature Range: -40/+85C
Rated Temperature: 70C
Max dVdt: 40 V
Resistance: 3 mOhms (TYP)
Current: 25 Amps, 1000 Amps (Peak)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C44AJGP5250ZA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44AJGP5400ZA0J KEMET-C44AJGP5400ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 40 uF, 5%, 700 V, 400 V
C44AJGP5500ZA0J KEMET-C44AJGP5500ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 50 uF, 5%, 700 V, 400 V
C44AJGP5600ZA0J KEMET-C44AJGP5600ZA0J Datasheet
77Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 60 uF, 5%, 700 V, 400 V
More results

Similar Description - C44AJGP5250ZA0J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C44AJFP4500ZA0J KEMET-C44AJFP4500ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 5 uF, 5%, 700 V, 400 V
C44AJFP5150ZB0J KEMET-C44AJFP5150ZB0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 15 uF, 5%, 700 V, 400 V
C44AJGP5500ZA0J KEMET-C44AJGP5500ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 50 uF, 5%, 700 V, 400 V
C44AJGR5750ZA0J KEMET-C44AJGR5750ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 75 uF, 5%, 700 V, 400 V
C44AJGP5400ZA0J KEMET-C44AJGP5400ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 40 uF, 5%, 700 V, 400 V
C44AJGP5600ZA0J KEMET-C44AJGP5600ZA0J Datasheet
77Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 60 uF, 5%, 700 V, 400 V
C44AJGR6100ZA0J KEMET-C44AJGR6100ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 100 uF, 5%, 700 V, 400 V
C44AFFP5250ZA0J KEMET-C44AFFP5250ZA0J Datasheet
76Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 25 uF, 5%, 400 V, 250 V
C44AFGP6130ZA0J KEMET-C44AFGP6130ZA0J Datasheet
77Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 130 uF, 5%, 400 V, 250 V
C44AFGR6250ZA0J KEMET-C44AFGR6250ZA0J Datasheet
77Kb / 1P
   Film, Metallized Polypropylene, Power, C44A, 250 uF, 5%, 400 V, 250 V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com