Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B6333QPWPRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B6333QPWPRQ1
Description  300-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6333QPWPRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS7B6333QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS7B6333QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS7B6333QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS7B6333QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS7B6333QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS7B6333QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS7B6333QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS7B6333QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS7B6333QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TPS7B6333-Q1, TPS7B6350-Q1
www.ti.com
SLVSDU9 – FEBRUARY 2017
Product Folder Links: TPS7B6333-Q1 TPS7B6350-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
All pins
±500
Corner pins (1, 14, 15, and 28)
±750
6.3 Recommended Operating Conditions
Over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
Unregulated input
IN
4
40
V
40-V pins
EN, FSEL, WTS
0
VIN
V
Regulated output
OUT
0
5.5
V
Power good, watchdog status,
reference oscillator
PG, WDO, ROSC
0
5.5
V
Low voltage pins
WD, WD_EN, PGADJ, DELAY, WRS
0
5.5
V
Output current
0
300
mA
Ambient temperature, TA
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
TPS7B63xx-Q1
UNIT
PWP (HTSSOP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
39.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
28.9
°C/W
RθJB
Junction-to-board thermal resistance
23.8
°C/W
ψJT
Junction-to-top characterization parameter
1.3
°C/W
ψJB
Junction-to-board characterization parameter
23.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.1
°C/W


Similar Part No. - TPS7B6333QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333QPWPRQ1 TI1-TPS7B6333QPWPRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
More results

Similar Description - TPS7B6333QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B6333-Q1 TI1-TPS7B6333-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V High-Voltage, Ultralow-Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1 Datasheet
167Kb / 8P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6833-Q1 TI1-TPS7B6833-Q1_17 Datasheet
1Mb / 32P
[Old version datasheet]   500-mA 40-V High-Voltage Ultralow Quiescent-Current Watchdog LDO
TPS7B6933 TI1-TPS7B6933 Datasheet
1Mb / 21P
[Old version datasheet]   150-mA, 40-V Ultralow-Quiescent-Current LDO
logo
Microchip Technology
MCP1802 MICROCHIP-MCP1802_09 Datasheet
459Kb / 26P
   300 mA, High PSRR, Low Quiescent Current LDO
2009
MCP1802 MICROCHIP-MCP1802 Datasheet
376Kb / 24P
   300 mA, High PSRR, Low Quiescent Current LDO
2007
MCP1824ST-3302E MICROCHIP-MCP1824ST-3302E Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-2502E MICROCHIP-MCP1824T-2502E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824T-1202E MICROCHIP-MCP1824T-1202E Datasheet
421Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
MCP1824 MICROCHIP-MCP1824 Datasheet
531Kb / 34P
   300 mA, Low Voltage, Low Quiescent Current LDO Regulator
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com