Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM908E624 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MM908E624
Description  TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MM908E624 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MM908E624 Datasheet HTML 3Page - Motorola, Inc MM908E624 Datasheet HTML 4Page - Motorola, Inc MM908E624 Datasheet HTML 5Page - Motorola, Inc MM908E624 Datasheet HTML 6Page - Motorola, Inc MM908E624 Datasheet HTML 7Page - Motorola, Inc MM908E624 Datasheet HTML 8Page - Motorola, Inc MM908E624 Datasheet HTML 9Page - Motorola, Inc MM908E624 Datasheet HTML 10Page - Motorola, Inc MM908E624 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
908E624
Static Electrical Characteristics
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V VSUP 16 V, -40°C TJ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage Range
Nominal Operating Voltage
VSUP
5.5
18
V
Functional Operating Voltage (8)
VSUPOP
——
27
V
Supply Current Range
Normal Mode (9)
VSUP = 13.5 V, Analog Chip in Normal Mode, MCU Operating Using
Internal Oscillator at 32 MHz (8.0 MHz Bus Frequency), SPI, ESCI, ADC
Enabled
Stop Mode (9), (10)
VSUP = 13.5 V
Sleep Mode (9), (10)
VSUP = 13.5 V
IRUN
ISTOP
ISLEEP
20
60
35
75
45
mA
µA
µA
Digital Interface Ratings (Analog Die)
Output Terminal RST_A
Low-State Output Voltage (IOUT = -1.5 mA)
High-State Output Current (VOUT > 3.5 V)
Pulldown Current Limitation
VOL
IOH
IOL_MAX
-1.5
250
0.4
-8.0
V
µA
mA
Output Terminal IRQ_A
Low-State Output Voltage (IOUT = -1.5 mA)
High-State Output Voltage (IOUT = 250 µA)
VOL
VOH
3.85
0.4
V
Output Terminal RXD
Low-State Output Voltage (IOUT = -1.5 mA)
High-State Output Voltage (IOUT = 250 µA)
Capacitance (11)
VOL
VOH
CIN
3.85
4.0
0.4
V
V
pF
Input Terminal PWMIN
Input Logic Low Voltage
Input Logic High Voltage
Input Current
Capacitance (11)
VIL
VIH
IIN
CIN
3.5
-10
4.0
1.5
10
V
V
µA
pF
Terminal TXD, SS–Pullup Current
IPULLUP
—40
µA
Notes
8.
Device is fully functional. All functions are operating. Overtemperature may occur.
9.
Total current (IVSUP1 + IVSUP2) measured at GND terminal.
10.
Stop and Sleep mode current will increase if VSUP exceeds 15 V.
11.
This parameter is guaranteed by process monitoring but is not production tested.


Similar Part No. - MM908E624

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E624ACDWB/R2 FREESCALE-MM908E624ACDWB/R2 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
MM908E624ACDWB/R2 FREESCALE-MM908E624ACDWB/R2 Datasheet
712Kb / 40P
   Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
MM908E624ACEW/R2 FREESCALE-MM908E624ACEW/R2 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
MM908E624ACEW/R2 FREESCALE-MM908E624ACEW/R2 Datasheet
712Kb / 40P
   Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
MM908E624AYEW/R2 FREESCALE-MM908E624AYEW/R2 Datasheet
712Kb / 40P
   Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
More results

Similar Description - MM908E624

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E624 FREESCALE-908E624_10 Datasheet
712Kb / 40P
   Integrated Triple High Side Switch with Embedded MCU and LIN Serial Communicationfor Relay Drivers
908E624 FREESCALE-908E624 Datasheet
576Kb / 40P
   Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
908E624 FREESCALE-908E624_12 Datasheet
686Kb / 39P
   Integrated Triple High Side Switch Embedded MCU and Lin Serial Communication for Relay Drivers
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
   Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
   Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
   Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
   Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
   Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com