Electronic Components Datasheet Search |
|
MM908E624 Datasheet(PDF) 10 Page - Motorola, Inc |
|
MM908E624 Datasheet(HTML) 10 Page - Motorola, Inc |
10 / 32 page Analog Integrated Circuit Device Data 10 Freescale Semiconductor 908E624 Static Electrical Characteristics High-Side Outputs HS1 and HS2 Switch On Resistance TJ = 25°C, ILOAD = 150 mA, VSUP > 9.0 V TJ = 125°C, ILOAD = 150 mA, VSUP > 9.0 V TJ = 125°C, ILOAD = 120 mA, 5.5 V < VSUP > 9.0 V RDS(ON) — — — 2.0 — 3.0 2.5 4.5 — Ω Output Current Limit ILIM 300 — 600 mA Overtemperature Shutdown (18), (19) THSSD 155 — 190 °C Leakage Current ILEAK —— 10 µA High-Side Output HS3 Switch On Resistance TJ = 25°C, ILOAD = 50 m A, VSUP > 9.0 V TJ = 125°C, ILOAD = 50 mA, VSUP > 9.0 V TJ = 125°C, ILOAD = 30 mA, 5.5 V < VSUP > 9.0 V RDS(ON) — — — — — — 7.0 10 14 Ω Output Current Limitation ILIM 60 100 200 mA Overtemperature Shutdown (18), (19) THSSD 155 — 190 °C Leakage Current ILEAK —— 10 µA Output Clamp Voltage IOUT = -100 mA VCL -6.0 — — V Notes 18. This parameter is guaranteed by process monitoring but it is not production tested 19. When overtemperature occurs, switch is turned off and latched off. Flag is set in SPI. Table 3. Static Electrical Characteristics (continued) All characteristics are for the analog chip only. Refer to the 68HC908EY16 datasheet for characteristics of the microcontroller chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted. Characteristic Symbol Min Typ Max Unit |
Similar Part No. - MM908E624 |
|
Similar Description - MM908E624 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |