Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W1991AV Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # W1991AV
Description  LTE Stealth Blade Antenna
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

W1991AV Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  W1991AV Datasheet HTML 1Page - Pulse A Technitrol Company W1991AV Datasheet HTML 2Page - Pulse A Technitrol Company W1991AV Datasheet HTML 3Page - Pulse A Technitrol Company W1991AV Datasheet HTML 4Page - Pulse A Technitrol Company W1991AV Datasheet HTML 5Page - Pulse A Technitrol Company W1991AV Datasheet HTML 6Page - Pulse A Technitrol Company W1991AV Datasheet HTML 7Page - Pulse A Technitrol Company W1991AV Datasheet HTML 8Page - Pulse A Technitrol Company W1991AV Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Issue: 1618
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: LTE Stealth Blade Antenna
PART NUMBER: W1991
Series: SB Antenna
3
Radome
Adhesive lined polyolefin tubing
Color
Black
Ingress Protection
IP67
Weight
Refer to table on Page 1
Overall Length
4.16 INCHES
Cable retention: Pull off
30 N mini
Fixing system
Adhesive Tape (3M VHB 4949)
Operating temperature
-40 ~ +85° C
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS


Similar Part No. - W1991AV

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W199 CYPRESS-W199 Datasheet
154Kb / 14P
   Spread Spectrum FTG for VIA Apollo Pro-133
logo
List of Unclassifed Man...
W199ABMX-7 ETC2-W199ABMX-7 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
W199ADBX-4 ETC2-W199ADBX-4 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
W199BX-110 ETC2-W199BX-110 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
More results

Similar Description - W1991AV

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SB698SMAXX PULSE-SB698SMAXX Datasheet
967Kb / 14P
   Stealth Blade LTE Antenna
SB698SMA3 PULSE-SB698SMA3 Datasheet
967Kb / 14P
   Stealth Blade LTE Antenna
logo
World Produts Inc.
WPANT30156 WPI-WPANT30156 Datasheet
91Kb / 2P
   4G / LTE Cellular Blade Stubby Antenna
logo
TE Connectivity Ltd
C-2118903 TEC-C-2118903 Datasheet
154Kb / 1P
   ANTENNA, LTE
logo
Pulse A Technitrol Comp...
W3796 PULSE-W3796_17 Datasheet
2Mb / 19P
   LTE SMD ANTENNA
logo
Raltron Electronics Cor...
RPC-900-W5-GSM-MMCXRA RALTRON-RPC-900-W5-GSM-MMCXRA Datasheet
223Kb / 2P
   Multiband Blade ANTENNA
logo
Abracon Corporation
AEACAC198013-S698 ABRACON-AEACAC198013-S698 Datasheet
1Mb / 4P
   4G/LTE External Antenna
04.10.2020
logo
Maxtena Inc.
MEA-2700-LTE MAXTENA-MEA-2700-LTE Datasheet
650Kb / 3P
   LOW PROFILE LTE ANTENNA
REV A
logo
Pulse A Technitrol Comp...
CLA-W3796P PULSE-CLA-W3796P Datasheet
1Mb / 15P
   LTE SNAP-ON ANTENNA
logo
PCTEL, Inc.
BMLPVMB-LTE PCTEL-BMLPVMB-LTE Datasheet
145Kb / 1P
   BMLPVMB/LTE Low-Profile 4G LTE Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com