Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51Z112-000N Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 51Z112-000N
Description  PROTECTION CAP PLUG
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

51Z112-000N Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  51Z112-000N Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 51Z112-000N Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
BNC 50
PROTECTION CAP
PLUG
51Z112-000N
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
2 / 2
Electrical data
N/A
Mechanical data
Mating cycles
min. 500
Environmental data
Temperature range
-55°C to +155°C
Thermal shock
MIL-STD-202, Meth. 107, Cond. B
Corrosion
MIL-STD-202, Meth. 101, Cond. B
Vibration
MIL-STD-202, Meth. 204, Cond. B
Shock
MIL-STD-202, Meth. 213, Cond. G
Moisture resistance
MIL-STD-202, Meth. 106
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
8.2 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Inge Mühlauer
20/07/04
Sa. Krautenbacher
18.03.14
e00
14-0352
T. Krojer
18.03.14
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 51Z112-000N

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
51Z110-000N ROSENBERGER-51Z110-000N Datasheet
40Kb / 2P
   PROTECTION CAP PLUG
51Z111-000N5 ROSENBERGER-51Z111-000N5 Datasheet
41Kb / 2P
   SHORTING CAP
51Z115-000N ROSENBERGER-51Z115-000N Datasheet
41Kb / 2P
   PROTECTION CAP JACK
More results

Similar Description - 51Z112-000N

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
32Z112-000F ROSENBERGER-32Z112-000F Datasheet
221Kb / 2P
   PROTECTION CAP PLUG
51Z110-000N ROSENBERGER-51Z110-000N Datasheet
40Kb / 2P
   PROTECTION CAP PLUG
98Z105-S00 ROSENBERGER-98Z105-S00_53 Datasheet
640Kb / 1P
   PROTECTION CAP PLUG
56Z112-000N ROSENBERGER-56Z112-000N Datasheet
41Kb / 2P
   PROTECTION CAP PLUG WITH CHAIN
65Z001-000N ROSENBERGER-65Z001-000N Datasheet
148Kb / 2P
   Protection Cap
170-097-00005 ROSENBERGER-170-097-00005 Datasheet
1Mb / 1P
   PROTECTION CAP
53Z117-000N ROSENBERGER-53Z117-000N Datasheet
39Kb / 2P
   PROTECTION CAP
170-009-00000 ROSENBERGER-170-009-00000 Datasheet
564Kb / 2P
   PROTECTION CAP
51Z115-000N ROSENBERGER-51Z115-000N Datasheet
41Kb / 2P
   PROTECTION CAP JACK
53Z115-004N ROSENBERGER-53Z115-004N Datasheet
39Kb / 2P
   PROTECTION CAP JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com