Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1495XF Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1495XF
Description  I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1495XF Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1495XF Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1495XF Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1495XF Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1495XF Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1495XF Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1495XF Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1495XF Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1495XF Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1495XF Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MITSUMI
I2C BUS Control 5-Input 2-Output AV Switch MM1495X
I2C BUS Control 5-Input 2-Output AV Switch
Monolithic IC MM1495X
Outline
This IC is a 5-input, 2-output AV switch with I2C BUS control, developed for use in TV. This IC supports S2
and Cenelec standards.
Features
1. Serial control by I2C BUS.
2. 5 - inputs, 2 - outputs (2 of the 5 input lines can be used for either composite or Y)
3. Built-in sync separation circuit
4. Built-in Y/C mix circuit
5. Video and audio switches can be controlled independently.
6. 6dB amp built in to video and audio systems.
7. Output voltage gain can be varied by mounting an external resistor on the audio input pin.
8. Slave address can be changed: 90H or 92H
9. Built-in 3-value identification function
Package
SOP-44A (MM1495XF)
SDIP-42A (MM1495XD)
Applications
1. TV
2. Other video equipment


Similar Part No. - MM1495XF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1492 MITSUMI-MM1492 Datasheet
366Kb / 14P
   I2C BUS Controlled 5-Input 2-Output AV Switch
MM1492AF MITSUMI-MM1492AF Datasheet
366Kb / 14P
   I2C BUS Controlled 5-Input 2-Output AV Switch
More results

Similar Description - MM1495XF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1313 MITSUMI-MM1313 Datasheet
312Kb / 12P
   I2C BUS Control 5-Input 2-Output AV Switch
MM1311 MITSUMI-MM1311 Datasheet
268Kb / 11P
   I2C BUS Control 4-Input 1-Output AV Switch Monolithic IC MM1311
MM1492AF MITSUMI-MM1492AF Datasheet
366Kb / 14P
   I2C BUS Controlled 5-Input 2-Output AV Switch
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
   AV Switch with I2C Bus Control
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
   AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
   AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
   AV SWITCH with I2C BUS CONTROL
logo
Renesas Technology Corp
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
   AV Switch with I2C Bus Control
M52795SP RENESAS-M52795SP Datasheet
3Mb / 10P
   AV SWITCH WITH I2C BUS CONTROL
logo
Mitsubishi Electric Sem...
M52790SP MITSUBISHI-M52790SP Datasheet
132Kb / 9P
   AV SWITCH with I2C BUS CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com