Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC10.241 Datasheet(PDF) 6 Page - PULS GmbH

Part # UC10.241
Description  CAPACITOR-BASED DC-UPS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UC10.241 Datasheet(HTML) 6 Page - PULS GmbH

Back Button UC10.241 Datasheet HTML 2Page - PULS GmbH UC10.241 Datasheet HTML 3Page - PULS GmbH UC10.241 Datasheet HTML 4Page - PULS GmbH UC10.241 Datasheet HTML 5Page - PULS GmbH UC10.241 Datasheet HTML 6Page - PULS GmbH UC10.241 Datasheet HTML 7Page - PULS GmbH UC10.241 Datasheet HTML 8Page - PULS GmbH UC10.241 Datasheet HTML 9Page - PULS GmbH UC10.241 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
UC10.241, UC10.242
UC-Series
24V, 15A, CAPACITOR-BASED DC-UPS
Fig. 4-1 Input to output voltage drop in
normal mode, typ.
Fig. 4-2 Output characteristic and overload
behavior in normal and buffer mode, typ.
Output Voltage
0
0
5
10
15
20
4
8
12
28V
16
20
24
25A
Output Current
0
02
10
100mV
16A
400mv
Output Current
4
6
8
12 14
200mv
300mv
Voltage drop
Fig. 4-3 Transition from buffer mode to
normal mode and vice versa, definitions
Fig. 4-4 Transfer behavior, typ.
500ms/DIV
0V
Output Voltage
Input Voltage
24V
22.25V at 10A
24V
Buffer
Output
voltage
24V
mode
Input
voltage
t
t
Transfer threshold
24V
Normal
mode
Normal
mode
May 2016 / Rev. 2.2 DS-UC10.241-EN
All parameters are specified at 24V, 10A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/27


Similar Part No. - UC10.241

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UC1000-18GM90-E2-IO-V1 PF-UC1000-18GM90-E2-IO-V1 Datasheet
785Kb / 5P
   Ultrasonic sensor
UC1000-18GM90A-E2-IO-V1 PF-UC1000-18GM90A-E2-IO-V1 Datasheet
763Kb / 5P
   Ultrasonic sensor
UC1000-18GS-2EP-IO-V15 PF-UC1000-18GS-2EP-IO-V15 Datasheet
853Kb / 6P
   Ultrasonic sensor
UC1000-18GS-IUEP-IO-V15 PF-UC1000-18GS-IUEP-IO-V15 Datasheet
870Kb / 7P
   Ultrasonic sensor
UC1000-30GM-E6R2-K-V15 PF-UC1000-30GM-E6R2-K-V15 Datasheet
735Kb / 7P
   Ultrasonic sensor
More results

Similar Description - UC10.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
   DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
   DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
   DC-UPS
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
   40A DC UPS Module
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
   40A DC UPS Module
DR-UPS40 MEANWELL-DR-UPS40 Datasheet
307Kb / 3P
   40A DC UPS Module
logo
Chinfa Electronics Ind....
DRU30 CHINFA-DRU30 Datasheet
1Mb / 4P
   30A DC UPS CONTROLLER
logo
Powerbox
PB256 POWERBOX-PB256 Datasheet
141Kb / 1P
   138 WATTS DC UPS
logo
PULS GmbH
UB10.241 PULS-UB10.241 Datasheet
700Kb / 23P
   DC-UPS CONTROL UNIT
UB10.245 PULS-UB10.245 Datasheet
714Kb / 24P
   DC-UPS, DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com