Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB20.241 Datasheet(PDF) 8 Page - PULS GmbH

Part # UB20.241
Description  DC-UPS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

UB20.241 Datasheet(HTML) 8 Page - PULS GmbH

Back Button UB20.241 Datasheet HTML 4Page - PULS GmbH UB20.241 Datasheet HTML 5Page - PULS GmbH UB20.241 Datasheet HTML 6Page - PULS GmbH UB20.241 Datasheet HTML 7Page - PULS GmbH UB20.241 Datasheet HTML 8Page - PULS GmbH UB20.241 Datasheet HTML 9Page - PULS GmbH UB20.241 Datasheet HTML 10Page - PULS GmbH UB20.241 Datasheet HTML 11Page - PULS GmbH UB20.241 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
UB20.241
UB-Series
24V, 20A, DC-UPS
Output current
in power supply mode
in battery mode
nom.
nom.
nom.
nom.
typ.
25A
30A
20A at 22.5V,
18A at 26V
30A at 22.5V,
26A at 26V
80A
Continuously allowed
For max. 5s
Continuously allowed see Fig. 4-7
(interpolate linearly between 22.5V and 26V)
For typ. 4s (BonusPower® 4)) see Fig. 4-7
(interpolate linearly between 22.5V and 26V)
For typ. 25ms, output voltage stays above 20V,
(dynamic peak current), see Fig. 4-9.
Description see footnotes 1) and 2)
Description see footnote 3)
Overload behavior
in power supply mode
in battery mode
not limited
HiccupPLUS Mode
Output short circuit current
in power supply mode
in battery mode
typ.
not limited
31A for 2 sec
Description see footnotes 1) and 2)
50mOhm impedance, repetitive pulses, see Fig. 4-8.
Return current
typ.
-200μA
Leakage current to the input of the DC-UPS in battery
mode
Allowed voltage between input
and earth (chassis)
max.
60Vdc or
42.4Vac
continuous, IEC 62103
Capacitive and inductive loads
No limitation
1)
Use a 25A melting fuse with a melting I2t of 400A2s – 1500A2s or a 25A circuit breaker with tripping characteristic B, C, D or K on the input
of the DC-UPS if the current of the power supply is higher than 28A.
2)
The DC-UPS has no current limiting feature included in power supply mode. The current is limited by the supplying power supply or the
fuse/ circuit breaker, which must be installed when the power supply has a continuous output current capability of more than 28A.
3)
HiccupPLUS Mode:
In battery mode, the DC-UPS can deliver 50% more output current for a period of up to 4s before it reduces the output current
automatically to the nominal output current. If the current requirement is continuously higher than the nominal current, the current
regulation of the DC-UPS reduces the output voltage. As soon as the output voltage falls below 18V, the output switches off and makes a
restart attempt every 17s. This cycle is repeated as long as the overload exists.
4)
BonusPower®:
The DC-UPS is designed to support loads with a higher short-term power requirement without damage or shutdown. In battery mode,
the short-term duration is hardware controlled by an output power manager. At 150% output current, it is typically 4s and longer for
lower currents. Once the BonusPower® time is exceeded, the maximum output current is automatically reduced to the nominal output
current or the DC-UPS goes into the HiccupPLUS mode.
Fig. 4-4 Input to output voltage loss
Fig. 4-5 Input to output voltage loss
measurement setup
Input to Output Voltage Loss, typ.
0mV
10A
30mV
60mV
90mV
120mV
25A
20A
Output Current
0
150mV
A
B
A... 25°C
B... 60°C
5A
15A
180mV
V
Power
Supply
+
-
UIN
Voltage Loss
UIN
=
UOUT
-
A
V
IOUT
UOUT Variable
Load,
0-25A
UB20.241
Input
Output
Jan. 2015 / Rev. 2.0 DS-UB20.241-EN
All parameters are specified at 24V, 20A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
8/31


Similar Part No. - UB20.241

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UB200-12GM-E4-V1 PF-UB200-12GM-E4-V1 Datasheet
558Kb / 5P
   Ultrasonic sensor
UB200-12GM-E5-V1 PF-UB200-12GM-E5-V1 Datasheet
568Kb / 5P
   Ultrasonic sensor
UB200-12GM-I-V1 PF-UB200-12GM-I-V1 Datasheet
562Kb / 5P
   Ultrasonic sensor
UB200-12GM-U-V1 PF-UB200-12GM-U-V1 Datasheet
553Kb / 5P
   Ultrasonic sensor
UB2000-30GM-E4-V15 PF-UB2000-30GM-E4-V15 Datasheet
638Kb / 6P
   Ultrasonic sensor
More results

Similar Description - UB20.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
   DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
   DC-UPS
UC10.241 PULS-UC10.241 Datasheet
669Kb / 27P
   CAPACITOR-BASED DC-UPS
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
   40A DC UPS Module
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
   40A DC UPS Module
DR-UPS40 MEANWELL-DR-UPS40 Datasheet
307Kb / 3P
   40A DC UPS Module
logo
Chinfa Electronics Ind....
DRU30 CHINFA-DRU30 Datasheet
1Mb / 4P
   30A DC UPS CONTROLLER
logo
Powerbox
PB256 POWERBOX-PB256 Datasheet
141Kb / 1P
   138 WATTS DC UPS
logo
PULS GmbH
UB10.241 PULS-UB10.241 Datasheet
700Kb / 23P
   DC-UPS CONTROL UNIT
UB10.245 PULS-UB10.245 Datasheet
714Kb / 24P
   DC-UPS, DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com