Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA1260D Datasheet(PDF) 6 Page - Motorola, Inc

Part # MMA1260D
Description  Low G Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA1260D Datasheet(HTML) 6 Page - Motorola, Inc

  MMA1260D Datasheet HTML 1Page - Motorola, Inc MMA1260D Datasheet HTML 2Page - Motorola, Inc MMA1260D Datasheet HTML 3Page - Motorola, Inc MMA1260D Datasheet HTML 4Page - Motorola, Inc MMA1260D Datasheet HTML 5Page - Motorola, Inc MMA1260D Datasheet HTML 6Page - Motorola, Inc MMA1260D Datasheet HTML 7Page - Motorola, Inc MMA1260D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Sensor Device Data
Freescale Semiconductor
MMA1260D
* When positioned as shown, the Earth’s gravity will result in a positive 1g output
ACCELERATION SENSING DIRECTIONS
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
9
VSS
VSS
VSS
VOUT
STATUS
VDD
VSS
ST
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
16--Pin SOIC Package
N/C pins are recommended to be left FLOATING
--g
+g
Direction of Earth’s gravity field.*
DYNAMIC ACCELERATION
STATIC ACCELERATION
--1g
+1g
0g
0g
VOUT = 2.50V
VOUT = 2.50V
VOUT =3.7V
VOUT =1.3V


Similar Part No. - MMA1260D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1260D MOTOROLA-MMA1260D Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MMA1260D FREESCALE-MMA1260D Datasheet
238Kb / 9P
   Low G Micromachined Accelerometer
More results

Similar Description - MMA1260D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMA1220D MOTOROLA-MMA1220D Datasheet
156Kb / 8P
   Low G Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA1220 FREESCALE-MMA1220 Datasheet
282Kb / 10P
   Low G Micromachined Accelerometer
MMA1270EG FREESCALE-MMA1270EG Datasheet
231Kb / 9P
   Low G Micromachined Accelerometer
MMA2201D FREESCALE-MMA2201D Datasheet
276Kb / 10P
   Low G Micromachined Accelerometer
logo
NXP Semiconductors
MMA2201KEG NXP-MMA2201KEG Datasheet
176Kb / 11P
   Low-g Micromachined Accelerometer
Rev 1, 08/2012
logo
Freescale Semiconductor...
MMA1260KEG FREESCALE-MMA1260KEG Datasheet
143Kb / 9P
   Low G Micromachined Accelerometer
MMA1254 FREESCALE-MMA1254 Datasheet
135Kb / 10P
   Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA1260KEG NXP-MMA1260KEG Datasheet
176Kb / 9P
   Low G Micromachined Accelerometer
Rev 0, 11/2009
logo
Freescale Semiconductor...
MMA2244EG FREESCALE-MMA2244EG Datasheet
235Kb / 10P
   Low G Micromachined Accelerometer
MMA2201KEG FREESCALE-MMA2201KEG_12 Datasheet
125Kb / 11P
   Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com