Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6261Q Datasheet(PDF) 4 Page - Motorola, Inc

Part # MMA6261Q
Description  짹1.5g Dual Axis Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA6261Q Datasheet(HTML) 4 Page - Motorola, Inc

  MMA6261Q Datasheet HTML 1Page - Motorola, Inc MMA6261Q Datasheet HTML 2Page - Motorola, Inc MMA6261Q Datasheet HTML 3Page - Motorola, Inc MMA6261Q Datasheet HTML 4Page - Motorola, Inc MMA6261Q Datasheet HTML 5Page - Motorola, Inc MMA6261Q Datasheet HTML 6Page - Motorola, Inc MMA6261Q Datasheet HTML 7Page - Motorola, Inc MMA6261Q Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Sensor Device Data
4
Freescale Semiconductor
MMA6200 SERIES
PRINCIPLE OF OPERATION
The Freescale Semiconductor accelerometer is a surface-
micromachined integrated-circuit accelerometer.
The device consists of a surface micromachined capacitive
sensing cell (g-cell) and a signal conditioning ASIC contained in
a single integrated circuit package. The sensing element is
sealed hermetically at the wafer level using a bulk microma-
chined cap wafer.
The g-cell is a mechanical structure formed from semicon-
ductor materials (polysilicon) using semiconductor processes
(masking and etching). It can be modeled as a set of beams at-
tached to a movable central mass that move between fixed
beams. The movable beams can be deflected from their rest
position by subjecting the system to an acceleration (Figure 2).
As the beams attached to the central mass move, the dis-
tance from them to the fixed beams on one side will increase by
the same amount that the distance to the fixed beams on the
other side decreases. The change in distance is a measure of
acceleration.
The g-cell plates form two back-to-back capacitors
(Figure 2). As the center plate moves with acceleration, the dis-
tance between the plates changes and each ca
pacitor's value
will change, (C = A
ε/D). Where A is the area of the plate,
ε is the dielectric constant, and D is the distance between
the plates.
The ASIC uses switched capacitor techniques to measure
the g-cell capacitors and extract the acceleration data from the
difference between the two capacitors. The ASIC also signal
conditions and filters (switched capacitor) the signal, providing
a high level output voltage that is ratiometric and proportional to
acceleration.
Figure 2. Simplified Transducer Physical Model
SPECIAL FEATURES
Filtering
These Freescale Semiconductor accelerometers contain an
onboard single-pole switched capacitor filter. Because the filter
is realized using switched capacitor techniques, there is no re-
quirement for external passive components (resistors and ca-
pacitors) to set the cut-off frequency.
Self-Test
The sensor provides a self-test feature allowing the verifica-
tion of the mechanical and electrical integrity of the accelerom-
eter at any time before or after installation. A fourth plate is used
in the g-cell as a self-test plate. When a logic high input to the
self-test pin is applied, a calibrated potential is applied across
the self-test plate and the moveable plate. The resulting electro-
static force (Fe = 1/2 AV
2/d2) causes the center plate to deflect.
The resultant deflection is measured by the accelerometer's
ASIC and a proportional output voltage results. This procedure
assures both the mechanical (g-cell) and electronic sections of
the accelerometer are functioning.
Freescale Semiconductor accelerometers include fault de-
tection circuitry and a fault latch. Parity of the EEPROM bits be-
comes odd in number.
Self-test is disabled when EEPROM parity error occurs.
Ratiometricity
Ratiometricity simply means the output offset voltage and
sensitivity will scale linearly with applied supply voltage. That is,
as supply voltage is increased, the sensitivity and offset in-
crease linearly; as supply voltage decreases, offset and sensi-
tivity decrease linearly. This is a key feature when interfacing to
a microcontroller or an A/D converter because it provides sys-
tem level cancellation of supply induced errors in the analog to
digital conversion process.
Acceleration


Similar Part No. - MMA6261Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6261Q FREESCALE-MMA6261Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6261Q NXP-MMA6261Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6261QR2 FREESCALE-MMA6261QR2 Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6261QR2 NXP-MMA6261QR2 Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
More results

Similar Description - MMA6261Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA2260 FREESCALE-MMA2260 Datasheet
273Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA2260D NXP-MMA2260D Datasheet
305Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
Rev 3, 03/2006
logo
Freescale Semiconductor...
MMA6280Q FREESCALE-MMA6280Q Datasheet
129Kb / 8P
   짹1.5g - 6g Dual Axis Low-g Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
logo
Freescale Semiconductor...
KIT3376MMA7361L FREESCALE-KIT3376MMA7361L Datasheet
176Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
   짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com