Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMA6262Q Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMA6262Q
Description  짹1.5g Dual Axis Micromachined Accelerometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMA6262Q Datasheet(HTML) 3 Page - Motorola, Inc

  MMA6262Q Datasheet HTML 1Page - Motorola, Inc MMA6262Q Datasheet HTML 2Page - Motorola, Inc MMA6262Q Datasheet HTML 3Page - Motorola, Inc MMA6262Q Datasheet HTML 4Page - Motorola, Inc MMA6262Q Datasheet HTML 5Page - Motorola, Inc MMA6262Q Datasheet HTML 6Page - Motorola, Inc MMA6262Q Datasheet HTML 7Page - Motorola, Inc MMA6262Q Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sensor Device Data
Freescale Semiconductor
3
MMA6200 SERIES
Operating Characteristics
Unless otherwise noted: -20°C < TA < 85°C, 3.0 V < VDD < 3.6 V, Acceleration = 0g, Loaded output
1
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range2
Supply Voltage3
VDD
2.7
3.3
3.6
V
Supply Current
MMA6260Q, MMA6261Q
IDD
—1.2
1.5
mA
MMA6262Q, MMA6263Q
IDD
—2.2
3.0
mA
Operating Temperature Range
TA
-20
+85
°C
Acceleration Range
gFS
—1.5
g
Output Signal
Zero g (TA = 25°C, VDD = 3.3 V)
4
VOFF
1.485
1.65
1.815
V
Zero g
VOFF, TA
2.0
mg/°C
Sensitivity (TA = 25°C, VDD = 3.3 V)
S
740
800
860
mV/g
Sensitivity
S, TA
0.015
%/°C
Bandwidth Response
MMA6260Q
f_3dB
—50
Hz
MMA6261Q
f_3dB
—300
Hz
MMA6262Q
f_3dB
—150
Hz
MMA6263Q
f_3dB
—900
Hz
Nonlinearity
NLOUT
-1.0
+1.0
% FSO
Noise
MMA6260Q RMS (0.1 Hz – 1 kHz)
nRMS
—1.8
mVrms
MMA6261Q RMS (0.1 Hz – 1 kHz)
nRMS
—3.5
MMA6262Q RMS (0.1 Hz – 1 kHz)
nRMS
—1.3
MMA6263Q RMS (0.1 Hz – 1 kHz)
nRMS
—2.5
Power Spectral Density RMS (0.1 Hz – 1 kHz)
MMA6260Q, MMA6261Q
nPSD
—300
ug/
√Hz
MMA6262Q, MMA6263Q
nPSD
—200
Self-Test
Output Response
VST
0.9 VDD
VDD
V
Input Low
VIL
——
0.3 VDD
V
Input High
VIH
0.7 VDD
VDD
V
Pull-Down Resistance5
RPO
43
57
71
k
Response Time6
tST
—2.0
ms
Output Stage Performance
Full-Scale Output Range (IOUT = 200 µA)
VFSO
VSS +0.25
VDD -0.25
V
Capacitive Load Drive7
CL
——
100
pF
Output Impedance
ZO
—50
300
Power-Up Response Time
MMA6260Q
tRESPONSE
—14
ms
MMA6261Q
tRESPONSE
—2.0
ms
MMA6262Q
tRESPONSE
—4.0
ms
MMA6263Q
tRESPONSE
—0.7
ms
Mechanical Characteristics
Transverse Sensitivity8
VZX, YX, ZY
-5.0
+5.0
% FSO
Notes:
1. For a loaded output, the measurements are observed after an RC filter consisting of a 1.0 k
Ω resistor and a 0.1 µF capacitor to ground.
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 2.7 and 3.6 V, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the device
may operate as a linear device but is not guaranteed to be in calibration.
4. The device can measure both + and - acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2. For negative acceleration, the output will decrease below VDD/2.
5. The digital input pin has an internal pull-down resistance to prevent inadvertent self-test initiation due to external board level leakages.
6. Time for the output to reach 90% of its final value after a self-test is initiate.
7. Preserves phase margin (60°) to guarantee output amplifier stability.
8. A measure of the device’s ability to reject an acceleration applied 90° from the true axis of sensitivity.


Similar Part No. - MMA6262Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6262Q FREESCALE-MMA6262Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6262Q NXP-MMA6262Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6262QR2 FREESCALE-MMA6262QR2 Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6262QR2 NXP-MMA6262QR2 Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
More results

Similar Description - MMA6262Q

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA2260 FREESCALE-MMA2260 Datasheet
273Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA2260D NXP-MMA2260D Datasheet
305Kb / 9P
   짹1.5g X-Axis Micromachined Accelerometer
Rev 3, 03/2006
logo
Freescale Semiconductor...
MMA6280Q FREESCALE-MMA6280Q Datasheet
129Kb / 8P
   짹1.5g - 6g Dual Axis Low-g Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
logo
Freescale Semiconductor...
KIT3376MMA7361L FREESCALE-KIT3376MMA7361L Datasheet
176Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
   짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com