Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS69273P-30D43F Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # CLS69273P-30D43F
Description  Radome esteticamente neutro e discreto
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CLS69273P-30D43F Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  CLS69273P-30D43F Datasheet HTML 1Page - Laird Tech Smart Technology CLS69273P-30D43F Datasheet HTML 2Page - Laird Tech Smart Technology CLS69273P-30D43F Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PADRÕES
698 MHz
8 MHz
MHz
MHz
MHz
MHz
Plano Azimute
Plano Phi 0°
Plano Azimute
Plano Phi 0°
Plano Azimute
Plano Phi 0°
Plano Azimute
Plano Phi 0°
Plano Azimute
Plano Phi 0°
Plano Azimute
Plano Phi 0°
Antena discreta/baixo nível de PIM
com suporte para teto
698-960 MHz/1695-2700 MHz
CLS69273P


Similar Part No. - CLS69273P-30D43F

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CLS69273 LSTD-CLS69273 Datasheet
1Mb / 3P
   Supports AWS-3 Frequency Band
CLS69273-30NF LSTD-CLS69273-30NF Datasheet
1Mb / 3P
   Supports AWS-3 Frequency Band
CLS69273-B30NF LSTD-CLS69273-B30NF Datasheet
1Mb / 3P
   Supports AWS-3 Frequency Band
More results

Similar Description - CLS69273P-30D43F

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-2.4-OM-CM-01-N LINX-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
   Fiberglass radome construction
4-9-10
logo
Laird Tech Smart Techno...
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
   Weather resistant radome
logo
Pulse A Technitrol Comp...
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
   Radome Omni Antenna
RO25002NF PULSE-RO25002NF Datasheet
371Kb / 5P
   RADOME OMNI- OMNIDIRECTIONAL
logo
List of Unclassifed Man...
ANT-2.4-OM-CM-01-N ETC2-ANT-2.4-OM-CM-01-N Datasheet
281Kb / 1P
   Fiberglass radome construction
logo
Laird Tech Smart Techno...
PAS69278 LSTD-PAS69278 Datasheet
511Kb / 2P
   Weatherproof UV stable radome
S5151290P12SMF LSTD-S5151290P12SMF Datasheet
526Kb / 1P
   UV stable weatherproof radome
OC80271 LSTD-OC80271 Datasheet
1Mb / 2P
   Weatherproof UV stable radome
S2408MD12NF LSTD-S2408MD12NF Datasheet
774Kb / 1P
   UV stabile thermoplastic radome
OC58509 LSTD-OC58509 Datasheet
1Mb / 2P
   UV Stable polycarbonate radome
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com