Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC1020JK-07100R Datasheet(PDF) 4 Page - YAGEO Corporation

Part # AC1020JK-07100R
Description  THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC1020JK-07100R Datasheet(HTML) 4 Page - YAGEO Corporation

  AC1020JK-07100R Datasheet HTML 1Page - YAGEO Corporation AC1020JK-07100R Datasheet HTML 2Page - YAGEO Corporation AC1020JK-07100R Datasheet HTML 3Page - YAGEO Corporation AC1020JK-07100R Datasheet HTML 4Page - YAGEO Corporation AC1020JK-07100R Datasheet HTML 5Page - YAGEO Corporation AC1020JK-07100R Datasheet HTML 6Page - YAGEO Corporation AC1020JK-07100R Datasheet HTML 7Page - YAGEO Corporation AC1020JK-07100R Datasheet HTML 8Page - YAGEO Corporation AC1020JK-07100R Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 11, 2015 V.1
Product specification
4
9
SERIES
AC
0612/1020/1225
TYPE
RESISTANCE
RANGE
CHARACTERISTICS
Operating
Temperature
Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Temperature
Coefficient
of Resistance
Jumper Criteria
AC0612
5% (E24) 1Ω to 1MΩ
0.5%, 1% (E24/E96) 1Ω to
1MΩ
Jumper < 50mΩ
–55 °C to +155 °C
200V
400V
500V
1Ω≤R≤10Ω,
±200ppm/℃
10Ω<R≤1MΩ,
±100ppm/℃
Rated Current 2A
Max. Current 10A
AC1020
200V
400V
500V
AC1225
200V
400V
500V
ELECTRICAL CHARACTERISTICS
Table 2


Similar Part No. - AC1020JK-07100R

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
AC1020 TALEMA-AC1020 Datasheet
60Kb / 1P
   20 Amp Current Transformer
logo
Microchip Technology
AC102015 MICROCHIP-AC102015 Datasheet
233Kb / 2P
   ICD4 RJ45 Universal Adapter Board
More results

Similar Description - AC1020JK-07100R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com