Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

414026-3 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 414026-3
Description  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

414026-3 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 414026-3 Datasheet HTML 7Page - Tyco Electronics 414026-3 Datasheet HTML 8Page - Tyco Electronics 414026-3 Datasheet HTML 9Page - Tyco Electronics 414026-3 Datasheet HTML 10Page - Tyco Electronics 414026-3 Datasheet HTML 11Page - Tyco Electronics 414026-3 Datasheet HTML 12Page - Tyco Electronics 414026-3 Datasheet HTML 13Page - Tyco Electronics 414026-3 Datasheet HTML 14Page - Tyco Electronics 414026-3 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
186
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors, 75 Ohm BT 43 (SMZ)
Product Facts
Widely used in data
transmission and telecom-
munication applications
BT 43 connector developed
from the SMB range and
feature snap-on and
latching variant
Most BT 43 connectors are
available as fully crimped
connectors.
BT 43 and 75
Ω connectors
available in solder and
crimp versions
The Tyco Electronics range
of 75 ohm SMB (SMZ)
connectors are designed
to meet the increasing
demands of the
Telecommunications
market, and are designed
in accordance with
BS9210 F0022.
Specifications
Max working voltage (dc) — 500 V
Max proof voltage (dc) — 1.5 kV
Contact resistance (inner) —
5 milliohm
Contact resistance (outer) —
1 milliohm
Bodies and other parts — Brass
Female center contacts —
Copper Alloy
Male center contacts —
Copper Alloy
Outer contacts — BeCu
Plating —
Contacts and critical surfaces — Gold
Other parts — Nickel
Insulators — P.T.F.E.


Similar Part No. - 414026-3

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4140 VCC-4140 Datasheet
75Kb / 1P
   Relampable Socket
logo
ETAL Group
4140-G ETAL-4140-G Datasheet
227Kb / 4P
   Land vehicles, aircraft, watercraft, special vehicles.
4140-G113-J1M1-M6 ETAL-4140-G113-J1M1-M6 Datasheet
227Kb / 4P
   Land vehicles, aircraft, watercraft, special vehicles.
4140-G113-J1M1-Z0 ETAL-4140-G113-J1M1-Z0 Datasheet
227Kb / 4P
   Land vehicles, aircraft, watercraft, special vehicles.
logo
Tyco Electronics
41406-1 MACOM-41406-1 Datasheet
56Kb / 1P
   RING
More results

Similar Description - 414026-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com