Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G-MRCO-015 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # G-MRCO-015
Description  AMR Sensor with 180째 period
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

G-MRCO-015 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  G-MRCO-015 Datasheet HTML 1Page - TE Connectivity Ltd G-MRCO-015 Datasheet HTML 2Page - TE Connectivity Ltd G-MRCO-015 Datasheet HTML 3Page - TE Connectivity Ltd G-MRCO-015 Datasheet HTML 4Page - TE Connectivity Ltd G-MRCO-015 Datasheet HTML 5Page - TE Connectivity Ltd G-MRCO-015 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
KMT32B
Magnetic Angle Sensor
SENSOR SOLUTIONS /// KMT32B Rev 6
1/2016
Page 5
TDFN 2.5*2.5
unit: mm
RECOMMENDED SOLDER PAD LAYOUT FOR TDFN
PIN ASSIGNMENT (SO8, TDFN)
SOLDER PROFILE
Recommended solder reflow process according to IPC/JEDEC J-STD-020D (Pb-Free Process)
Pin
(SO8)
Pin
(TDFN)
Symbol
Function
1
7
-Vo1
negative output bridge 1
2
8
-Vo2
negative output bridge 2
3
1
Vcc2
positive supply voltage bridge 2
4
2
Vcc1
positive supply voltage bridge 1
5
3
+Vo1
positive output bridge 1
6
4
+Vo2
positive output bridge 2
7
5
GND2
negative supply voltage bridge 2
8
6
GND1
negative supply voltage bridge 1


Similar Part No. - G-MRCO-015

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
G-MRCO-011 TEC-G-MRCO-011 Datasheet
373Kb / 9P
   Linear Magnetic Field Sensors
G-MRCO-017 TEC-G-MRCO-017 Datasheet
287Kb / 6P
   AMR Switching-Sensor
More results

Similar Description - G-MRCO-015

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
IC-SM2L ICHAUS-IC-SM2L Datasheet
140Kb / 5P
   LINEAR AMR SENSOR (2 mm)
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com