Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

415377-5 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 415377-5
Description  RF Coax Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

415377-5 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 415377-5 Datasheet HTML 3Page - Tyco Electronics 415377-5 Datasheet HTML 4Page - Tyco Electronics 415377-5 Datasheet HTML 5Page - Tyco Electronics 415377-5 Datasheet HTML 6Page - Tyco Electronics 415377-5 Datasheet HTML 7Page - Tyco Electronics 415377-5 Datasheet HTML 8Page - Tyco Electronics 415377-5 Datasheet HTML 9Page - Tyco Electronics 415377-5 Datasheet HTML 10Page - Tyco Electronics 415377-5 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
182
Catalog 1307191
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 3-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
RF Coax Connectors
SMB Connectors, 50 Ohm (Continued)
5/4.88
[.197/.192]
Dia.
2.08/2.01
[.082/.079]
Maximum Panel Thickness 2.36 [.093]
Recommended Panel Cutout
Bulkhead PC Board Jack,
Solder Receptacle Kits
SMB Receptacle Jack
Center
Body
Kit
Type
Contact
Dielectric
Style
Part
Plating
Plating
No.
Front Mount
Gold
Nickel
TEFLON
MIL Type
228216-1*
Rear Mount
Gold
Nickel
TEFLON
MIL Type
228215-1*
*includes Jam Nut and Lockwasher
Center
Body
Type
Contact
Dielectric
Style
Part No.
Plating
Plating
Front Mount
Gold
Nickel
TEFLON
MIL Type
414895-1
Lockwasher and Jam Nut
Part No.
415001-2
Part No.
414969-2
Kit Includes Lockwasher
and Jam Nut
6.35
[.250]
3.71
[.146]
16.0
[.630]
Max.
Hex.
3.68
[.145]
6.99
[.275]
Dia.
0.97 ± 0.13
[.038 ± .001]
Dia.
Ref. Plane
Hex
10-32 UNEF-2A
4.45
[.175]
3.18
[.125]
2.92
[.115]
1.02
[.040]
3.45
[.136]
6.35
[.250]
Note: Part Numbers are RoHS compliant except:
Indicates non-RoHS compliant.
TEFLON is a trademark of E.I. Dupont de
Nemours and Company.


Similar Part No. - 415377-5

ManufacturerPart #DatasheetDescription
logo
Heyco.
4153 HEYCO-4153 Datasheet
109Kb / 1P
   Nylon Wire Harness Clamps
4153-P HEYCO-4153-P Datasheet
109Kb / 1P
   Nylon Wire Harness Clamps
logo
Tyco Electronics
41531 MACOM-41531 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
TE Connectivity Ltd
41531 TEC-41531 Datasheet
49Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
41531-1 MACOM-41531-1 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 415377-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
227222-6 ETC2-227222-6 Datasheet
27Kb / 1P
   RF Coax Connectors
logo
TE Connectivity Ltd
5415025-2 TEC-5415025-2 Datasheet
988Kb / 34P
   RF Coax Connectors
logo
Tyco Electronics
1055497-1 MACOM-1055497-1 Datasheet
8Mb / 320P
   RF Coax Products
logo
Belden Inc.
H155A01 BELDEN-H155A01 Datasheet
222Kb / 3P
   COAX RF H155 PE
2019 Belden, Inc
logo
Adam Technologies, Inc.
RF101D0150 ADAM-TECH-RF101D0150 Datasheet
154Kb / 1P
   RF CONNECTORS
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
ITT Industries
050-424-3188220 ITT-050-424-3188220 Datasheet
452Kb / 39P
   RF Coaxial Connectors
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
   RF Coaxial Connectors
SSMB ITT-SSMB Datasheet
452Kb / 39P
   RF Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com