Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPH1209S Datasheet(PDF) 4 Page - Toppower Electronic Technology Limited

Part # TPH1209S
Description  2W 3KVDC Isolated Single & Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPH1209S Datasheet(HTML) 4 Page - Toppower Electronic Technology Limited

  TPH1209S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPH1209S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPH1209S Datasheet HTML 3Page - Toppower Electronic Technology Limited TPH1209S Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TPH Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 4 of 4
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300℃ for 10 seconds. Both SIP and DIP types in this series are
backward compatible with Sn/Pb soldering systems.
Unless otherwise stated all dimensions in mm ±0.5mm.
Tube length (14 Pin DIP) : 520mm ±2mm.
Tube length (7 Pin SIP) : 520mm ±2mm.
Tube Quantity:25PCS
14Pin DIP封装
7Pin SIP封装
14Pin DIP Tube
7Pin SIPTube
9.30
5.00
12.00
5.05
0.65
14Pin DIP Package
7Pin SIP Package
2.54
1.00
1.15
5
5 HOLES
2.54
1.15
1.00 5
5 HOLES
TOPPOWER


Similar Part No. - TPH1209S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPH1209S TOPPOWER-TPH1209S Datasheet
208Kb / 4P
   2W Isolated Single & Dual Output DC/DC Converters
TPH1209S TOPPOWER-TPH1209S Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPH1209S-3W TOPPOWER-TPH1209S-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPH1209S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com