Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS1215A Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPS1215A
Description  2W 6KVDC Isolated Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPS1215A Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPS1215A Datasheet HTML 1Page - Toppower Electronic Technology Limited TPS1215A Datasheet HTML 2Page - Toppower Electronic Technology Limited TPS1215A Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPS Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 3
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300°C
Internal power dissipation
890mW
Input voltage Vin, TPS05
7V
Input voltage Vin, TPS12
15V
Input voltage Vin, TPS15
18V
Input voltage Vin, TPS24
28V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Tested for 1 second
6000
VDC
Resistance
Viso= 1000VDC
1
GΩ
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All input types
40
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
Storage
-50
130
Case Temperature above ambient
All output types
35
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
MECHANICAL DIMENSIONS
PIN CONNECTIONS
24 PIN DIP
Pin
Dual output
Single output
1
+Vin
+Vin
2
-Vin
-Vin
8
-Vout
NC
9
NC
NC
10
OV
OV
11
NC
NC
12
+Vout
+Vout
13
+Vout
+Vout
14
NC
NC
15
OV
OV
16
NC
NC
17
-Vout
NC
23
NC
NC
24
NC
NC
Typical Load Line
10 25
50
75
100
-7%
+2.5%
-2.5%
NOM
V
+5%
+9.5%
Output Load Current(%)
32.60(MAX)
9.40±0.30
0.60(MAX)
2.16
15.24
0.55
0.45
3.90
16.95(MAX)
TPS1205
YYWW
14.72
2.54
0.30
0.20
TOPPOWER
12
10
13
14
16
17
23
24
1
2
8
9
15
11
Top view
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±0.25mm of true position.
DIP Package
3.0
2.0
1.0
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER


Similar Part No. - TPS1215A

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS1215A TOPPOWER-TPS1215A Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS1215A TOPPOWER-TPS1215A Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
More results

Similar Description - TPS1215A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMS CANDD-NMS Datasheet
109Kb / 2P
   6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS_V01 Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS TOPPOWER-TPS_17 Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_18 Datasheet
631Kb / 3P
   2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W Datasheet
622Kb / 3P
   2W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ-2W TOPPOWER-TPJ-2W_V01 Datasheet
753Kb / 3P
   2W 6KVDC Isolated Single and Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com