Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210W392KDRALTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1210W392KDRALTU
Description  ArcShield Technology, High Voltage, X7R Dielectric, 500 - 1,000 VDC (Commercial & Automotive Grade)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210W392KDRALTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1210W392KDRALTU Datasheet HTML 2Page - Kemet Corporation C1210W392KDRALTU Datasheet HTML 3Page - Kemet Corporation C1210W392KDRALTU Datasheet HTML 4Page - Kemet Corporation C1210W392KDRALTU Datasheet HTML 5Page - Kemet Corporation C1210W392KDRALTU Datasheet HTML 6Page - Kemet Corporation C1210W392KDRALTU Datasheet HTML 7Page - Kemet Corporation C1210W392KDRALTU Datasheet HTML 8Page - Kemet Corporation C1210W392KDRALTU Datasheet HTML 9Page - Kemet Corporation C1210W392KDRALTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1034_X7R_HV_ARC_SMD • 11/29/2016
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
ArcShield Technology, High Voltage, X7R Dielectric, 500 – 1,000 VDC (Commercial & Automotive Grade)
Electrical Parameters/Characteristics
Item
Parameters/Characteristics
Operating Temperature Range
−55°C to +125°C
Capacitance Change with Reference to
+25°C and 0 Vdc Applied (TCC)
±15%
1
Aging Rate (Maximum % Capacitance Loss/Decade Hour)
3.0%
2
Dielectric Withstanding Voltage (DWV)
150% of rated voltage for voltage rating of < 1000V
120% of rated voltage for voltage rating of ≥ 1000V
(5±1 seconds and charge/discharge not exceeding 50mA)
3
Dissipation Factor (DF) Maximum Limit at 25°C
2.5%
4
Insulation Resistance (IR) Minimum Limit at 25°C
100 megohm microfarads or 10GΩ
(500VDC applied for 120±5 seconds at 25°C)
1
Regarding Aging Rate: Capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours.
2
DWV is the voltage a capacitor can withstand (survive) for a short period of time. It exceeds the nominal and continuous working voltage of the
capacitor.
3
Capacitance and dissipation factor (DF) measured under the following conditions:
1kHz ± 50Hz and 1.0 ± 0.2 Vrms if capacitance ≤10µF
120Hz ± 10Hz and 0.5 ± 0.1 Vrms if capacitance >10µF
4
To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits.
Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 & Agilent E4980 have a feature known as
Automatic Level Control (ALC). The ALC feature should be switched to "ON".
Post Environmental Limits
High Temperature Life, Biased Humidity, Moisture Resistance
Dielectric
Rated DC
Voltage
Capacitance
Value
Dissipation Factor
(Maximum %)
Capacitance
Shift
Insulation
Resistance
X7R
> 25
All
3.0
±20%
10% of Initial
Limit
16/25
5.0
< 16
7.5


Similar Part No. - C1210W392KDRALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210W333KDRACTU KEMET-C1210W333KDRACTU Datasheet
72Kb / 1P
   Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.033 uF, 10%, 1,000 V, 1210, X7R, SMD, MLCC, Arcshield, High Voltage
More results

Similar Description - C1210W392KDRALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812V104KDRACTU KEMET-C1812V104KDRACTU Datasheet
3Mb / 22P
   ArcShield Technology, High Voltage, X7R Dielectric,500 1,000 VDC (Commercial & Automotive Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com