Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2225V392MDRALTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C2225V392MDRALTU
Description  ArcShield Technology, High Voltage, X7R Dielectric, 500 - 1,000 VDC (Commercial & Automotive Grade)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2225V392MDRALTU Datasheet(HTML) 1 Page - Kemet Corporation

  C2225V392MDRALTU Datasheet HTML 1Page - Kemet Corporation C2225V392MDRALTU Datasheet HTML 2Page - Kemet Corporation C2225V392MDRALTU Datasheet HTML 3Page - Kemet Corporation C2225V392MDRALTU Datasheet HTML 4Page - Kemet Corporation C2225V392MDRALTU Datasheet HTML 5Page - Kemet Corporation C2225V392MDRALTU Datasheet HTML 6Page - Kemet Corporation C2225V392MDRALTU Datasheet HTML 7Page - Kemet Corporation C2225V392MDRALTU Datasheet HTML 8Page - Kemet Corporation C2225V392MDRALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1034_X7R_HV_ARC_SMD • 11/29/2016
1
One world. One KEMET
Overview
KEMET ArcShield high voltage surface mount capacitors
in X7R dielectric are designed for use in high voltage
applications susceptible to surface arcing (arc-over
discharge).
The phenomenon of surface arcing is caused by a high
voltage gradient between the two termination surfaces or
between one of the termination surfaces and the counter
internal electrode structure within the ceramic body. It
occurs most frequently at application voltages that meet
or exceed 300 V, in high humidity environments, and in
chip sizes with minimal bandwidth separation (creepage
distance). This phenomenon can either damage surrounding
components or lead to a breakdown of the dielectric
material, ultimately resulting in a short-circuit condition
(catastrophic failure mode).
Patented ArcShield technology features KEMET's highly
reliable base metal dielectric system combined with a
unique internal shield electrode structure that is designed
to suppress an arc-over event while increasing available
capacitance. Developed on the principle of a partial Faraday
cage, this internal system offers unrivaled performance
and reliability when compared to external surface coating
technologies.
For added reliability, KEMET's Flexible Termination technology
is an available option that provides superior flex performance
over standard termination systems. This technology was
developed to address flex cracks, which are the primary failure
mode of MLCCs and typically the result of excessive tensile
and shear stresses produced during board flexure and thermal
cycling. Flexible Termination technology inhibits the transfer of
board stress to the rigid body of the MLCC, therefore mitigating
flex cracks which can result in low IR or short circuit failures.
KEMET’s ArcShield high voltage surface mount MLCCs are
available in Automotive Grade, which undergo stricter testing
protocol and inspection criteria. Whether under-hood or
in-cabin, these devices are designed for mission and safety-
critical automotive circuits or applications requiring proven,
reliable performance in harsh environments. Automotive Grade
devices meet the demanding Automotive Electronics Council's
AEC-Q200 qualification requirements.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
ArcShield™ Technology, High Voltage, X7R Dielectric,
500 – 1,000 VDC (Commercial & Automotive Grade)
Ordering Information
C
0603
W
392
K
C
R
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated
Voltage
(VDC)
Dielectric
Failure
Rate/
Design
Termination Finish1
Packaging/
Grade
(C-Spec)2
0603
0805
1206
1210
1808
1812
1825
2220
2225
V = ArcShield
W = ArcShield
with Flexible
Termination
Two significant
digits and
number of
zeros.
J = ±5%
K = ±10%
M = ±20%
C = 500
B = 630
D = 1,000
R = X7R
A = N/A C = 100% Matte Sn
L = SnPb (5% PB minimum)
See
"Packaging
C-Spec
Ordering
Options Table"
below
1
Additional termination finish options may be available. Contact KEMET for details.
1, 2
SnPb termination finish option is not available on Automotive Grade product.
2
Additional reeling or packaging options may be available. Contact KEMET for details.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C2225V392MDRALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225C101JARAC KEMET-C2225C101JARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C101KARAC KEMET-C2225C101KARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C101MARAC KEMET-C2225C101MARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C103JARAC KEMET-C2225C103JARAC Datasheet
98Kb / 3P
   Surface Mount Tip & Ring Ceramic Chip Capacitors
C2225C103JCGACTU KEMET-C2225C103JCGACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.01 uF, 5%, 500 V, 2225, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C2225V392MDRALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812V104KDRACTU KEMET-C1812V104KDRACTU Datasheet
3Mb / 22P
   ArcShield Technology, High Voltage, X7R Dielectric,500 1,000 VDC (Commercial & Automotive Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com