Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC0612JR-079M76 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # AC0612JR-079M76
Description  THICK FILM WIDE TERMINAL CHIP RESISTORS AUTOMOTIVE GRADE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0612JR-079M76 Datasheet(HTML) 3 Page - YAGEO Corporation

  AC0612JR-079M76 Datasheet HTML 1Page - YAGEO Corporation AC0612JR-079M76 Datasheet HTML 2Page - YAGEO Corporation AC0612JR-079M76 Datasheet HTML 3Page - YAGEO Corporation AC0612JR-079M76 Datasheet HTML 4Page - YAGEO Corporation AC0612JR-079M76 Datasheet HTML 5Page - YAGEO Corporation AC0612JR-079M76 Datasheet HTML 6Page - YAGEO Corporation AC0612JR-079M76 Datasheet HTML 7Page - YAGEO Corporation AC0612JR-079M76 Datasheet HTML 8Page - YAGEO Corporation AC0612JR-079M76 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Dec. 11, 2015 V.1
Product specification
3
9
SERIES
AC
0612/1020/1225
MARKING
AC0612 / AC1020 / AC1225
E-24 series: 3 digits, ±5%
First two digits for significant figure and 3rd digit for number of zeros
E-24/ E-96 series: 4 digits, ±1% & ±0.5%
First three digits for significant figure and 4th digit for number of zeros
Fig. 1 Value=10 KΩ
Fig. 2
Value=10 KΩ
Fig. 3 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
CONSTRUCTION
The resistors are constructed on top of a high-grade
ceramic body. Internal metal electrodes are added at each
end and connected by the resistive glaze. The resistive
glaze is covered by a leadfree glass. The composition of
the glaze is adjusted to give the approximate required
resistance value and laser trimming of this resistive glaze
achieves the value inside tolerance. The whole element is
covered by a protective overcoat. Size 0508 and bigger is
marked with the resistance value on top. Finally, the two
external terminations (Ni / matte tin) are added. See fig.3.
TYPE
L (mm)
W (mm)
H (mm)
I1 (mm)
I2 (mm)
AC0612
1.60±0.20
3.20 ±0.20
0.55±0.10
0.18±0.15
0.40±0.15
AC1020
2.50 ±0.20
5.00 ±0.20
0.55±0.10
0.25 ±0.20
0.90 ±0.20
AC1225
3.20 ±0.20
6.40 ±0.20
0.55±0.10
0.45 ±0.20
0.75 ±0.20
Table 1 For outlines, please refer to Fig. 4
DIMENSIONS
Fig. 4 Chip resistor dimensions
For dimension, please refer to Table 1
Side view for all type


Similar Part No. - AC0612JR-079M76

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0603 YAGEO-AC0603 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0603 YAGEO-AC0603 Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0603BFNPO0BB YAGEO-AC0603BFNPO0BB Datasheet
1Mb / 24P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
AC0603BFNPO0BN YAGEO-AC0603BFNPO0BN Datasheet
1Mb / 24P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
AC0603BFNPO5BB YAGEO-AC0603BFNPO5BB Datasheet
1Mb / 24P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - AC0612JR-079M76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMF10JT103 ETC-RMF10JT103 Datasheet
1,016Kb / 13P
   Automotive Grade Thick Film Chip Resistors
logo
YAGEO Corporation
AC0201DR-071RL YAGEO-AC0201DR-071RL Datasheet
774Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
AC0603FR YAGEO-AC0603FR Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0402 YAGEO-AC0402 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0201DR-071R YAGEO-AC0201DR-071R Datasheet
955Kb / 12P
   THICK FILM CHIP RESISTORS AUTOMOTIVE GRADE
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
logo
YAGEO Corporation
AC0402BRE0710R YAGEO-AC0402BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
RE0805DR-071KL YAGEO-RE0805DR-071KL Datasheet
281Kb / 7P
   THICK FILM CHIP RESISTORS Precision grade
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com