Electronic Components Datasheet Search |
|
AC1020JR-079M76 Datasheet(PDF) 5 Page - YAGEO Corporation |
|
AC1020JR-079M76 Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 9 page Chip Resistor Surface Mount www.yageo.com Dec. 11, 2015 V.1 Product specification 5 9 SERIES AC 0612/1020/1225 FUNCTIONAL DESCRIPTION O OP PE ER RA AT TIIN NG G T TE EM MP PE ER RA AT TU UR RE E R RA AN NG GE E Range: –55 °C to +155 °C P PO OW WE ER R R RA AT TIIN NG G Each type rated power at 70 °C: AC0612 =3/4W (0.75W) AC1020 =1W AC1225 =2W R RA AT TE ED D V VO OL LT TA AG GE E The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V = ) PxR ( Or Maximum working voltage whichever is less Where V = Continuous rated DC or AC (rms) working voltage (V) P = Rated power (W) R = Resistance value (Ω) PACKING STYLE REEL DIMENSION AC0612 AC1020 AC1225 Paper taping reel (R) 7" (178 mm) 5,000 --- --- 13" (330 mm) 20,000 --- --- Embossed taping reel (K) 7" (178 mm) --- 4,000 4,000 NOTE 1. For paper/embossed tape and reel specifications/dimensions, please refer to data sheet “Chip resistors packing”. PACKING STYLE AND PACKAGING QUANTITY Table 3 Packing style and packaging quantity FOOTPRINT AND SOLDERING PROFILES Recommended footprint and soldering profiles of AC-series is the same as RC-series. Please refer to data sheet “Chip resistors mounting”. RESISTANCE RANGE TEMPERATURE COEFFICIENT OF RESISTANCE PT040 2 100 M Ω TO 910 MΩ 100 mΩ to 910 mΩ ± 200 ppm/°C PT060 3 ± 200 ppm/°C PT080 5 ± 200 ppm/°C PT120 6 100 mΩ > 100 mΩ PT201 0 ± 100 ppm/°C ± 75 ppm/°C PT251 2 ± 100 ppm/°C ± 75 ppm/°C Fig. 10 Maximum dissipation (Pmax) in percentage of rated power as a function of the operating ambient temperature (Tamb) |
Similar Part No. - AC1020JR-079M76 |
|
Similar Description - AC1020JR-079M76 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |