Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POL10-05T Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # POL10-05T
Description  POL10-05T SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POL10-05T Datasheet(HTML) 2 Page - Wall Industries,Inc.

  POL10-05T Datasheet HTML 1Page - Wall Industries,Inc. POL10-05T Datasheet HTML 2Page - Wall Industries,Inc. POL10-05T Datasheet HTML 3Page - Wall Industries,Inc. POL10-05T Datasheet HTML 4Page - Wall Industries,Inc. POL10-05T Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev B
POL10-05T SERIES
10A Output Current Rating
DC/DC Open Frame Converter
Single Output
1/27/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Operating Input Voltage Range
Vout(set) , Vin-0.5VDC
2.5
5
5.5
VDC
Maximum Input Current
Vin=2.4 to 5.5VD, Io=Io(max.)
10
A
Input Reflected Ripple Current
5~20MHz, 1µH source impedance
100
mAp-p
Start-Up Voltage
2.2
VDC
Shutdown Voltage
2.0
VDC
Input Filter(3)
Capacitor Type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
% of Vout(set)
-2.0
+2.0
%
Line Regulation
Vin=Vout(set) +0.5VDC to Vin(max.) at Full Load; % of Vout(set)
-0.3
+0.3
%
Load Regulation
No Load to Full Load; % of Vout(set)
-0.4
+0.4
%
Voltage Adjustability(4)
0.7525
3.63
VDC
Remote Sense
0.5
VDC
Output Current
See Table
Maximum Capacitive Load
See Table
Ripple & Noise
Measured by 20MHz BW, with a 1µF MLCC & a 10µF T/C
15
mVrms
50
mVp-p
Dynamic Load Response
With a 1µF MLCC & a 10µF T/C
ΔIo/Δt=2.5A/µs, Vin(nom)
50% load step change
Peak Deviation
200
mV
Setting Time(Vout<10%peak deviation)
25
µS
Dynamic Load Response
With 2pcs of 150µF polymer capacitors
ΔIo/Δt=2.5A/µs, Vin(nom)
50% load step change
Peak Deviation
100
mV
Setting Time(Vout<10%peak deviation)
100
µS
Temperature Coefficient
-0.4
+0.4
%/ºC
Rise Time
Time for Vout to rise from 10% to 90% of Vout(set)
6
mS
REMOTE ON/OFF CONTROL(5)(6)
Negative Logic (Standard)
DC-DC ON
Open or 0~0.3VDC
DC-DC OFF
1.5VDC~Vin(max.)
Positive Logic (Option)
DC-DC ON
Open or Vin(max.)
DC-Dc OFF
0~0.3VDC
Input Current of CTRL Pin
0.01
1.0
mA
Remote OFF Input Current
1.5
mA
Turn-On Delay Time(7)
1
ms
Over Voltage Overshoot-Startup
Vin=2.4~5.5VDC at Full Load; % of Vout(set)
1.0
%
PROTECTION
Short Circuit Protection
Continuous, Automatic Recovery
Over Load Protection
% of Iout rated
200
%
Over Temperature Protection
125
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Case Temperature
With Derating
-40
+85
ºC
Storage Temperature
-55
+125
ºC
Relative Humidity
5
95
%RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
MTBF
MIL-HDBK-217F, Full Load
3,239,000
Hours
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
270
300
330
kHz
PHYSICAL SPECIFICATIONS
Weight
0.21 oz(6.0g)
Dimensions (L x W x H)
SMD Type
1.30in x 0.53in x 0.30in
(33mm x 13.5mm x 7.6mm)
SIP Type
2.00in x 0.50in x 0.28in
(50.9mm x 12.7mm x 7.2mm)
SAFETY CHARACTERISTICS
Safety Approvals
UL60950-1, EN60950-1, IEC60950-1
Lead-Free Reflow Solder Process
IPC J-STD-020D
Moisture Sensitivity Level
IPC J-STD-033B, Level 2a


Similar Part No. - POL10-05T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POL10-05T WALL-POL10-05T Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POL10-05T WALL-POL10-05T_18 Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
More results

Similar Description - POL10-05T

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POL10-12T WALL-POL10-12T Datasheet
337Kb / 5P
   POL10-12T SERIES
POL06-05T WALL-POL06-05T Datasheet
359Kb / 5P
   POL06-05T SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com