Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POLT06-05T-P Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # POLT06-05T-P
Description  POL06-05T SERIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

POLT06-05T-P Datasheet(HTML) 1 Page - Wall Industries,Inc.

  POLT06-05T-P Datasheet HTML 1Page - Wall Industries,Inc. POLT06-05T-P Datasheet HTML 2Page - Wall Industries,Inc. POLT06-05T-P Datasheet HTML 3Page - Wall Industries,Inc. POLT06-05T-P Datasheet HTML 4Page - Wall Industries,Inc. POLT06-05T-P Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev B
POL06-05T SERIES
6A Output Current Rating
DC/DC Open Frame Converter
Single Output
1/27/2017
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
SMD Package Type
SIP Vertical Package Type
SIP Horizontal Package Type
Size: 0.80in x 0.45in x 0.21in
Size:0.90in x 0.40in x 0.20in
Size: 0.90in x 0.40in x 0.36in
OPTIONS
FEATURES
SMD or SIP Packages
Vertical or Horizontal Mounting
for SIP Packages
Remote Control Positive or
Negative Logic
Input Voltage Range of 2.4~5.5VDC
High Efficiency of 94%
Small Size and Low Profile
Delivers up to 6A of Output Current
No Minimum Load Required
Remote ON/OFF
Open Frame Design
SMD & SIP Packages Available
Fixed Switching Frequency
Input Under-Voltage Lockout
Over Load, Over Temperature, and Short Circuit Protection
CE Marked
RoHS II & REACH Compliant
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
APPLICATIONS
DESCRIPTION
Wireless Network
Telecom/Datacom
Industry Control System
Distributed Power
Architectures
Semiconductor Equipment
Microprocessor Power
Applications
The POL06-05T series of DC DC open frame converters delivers up to 6A of output current in a small size
and low profile package. This series consists of output voltages ranging from 0.75 to 3.3VDC and an input
voltage range of 2.4-5.5VDC. No minimum load is required for this series, and it has a fixed switching
frequency and high efficiency of 94%. POL06-05T offers several different options such as surface mount or
through hole package type, vertical or horizontal mounting on the SIP package type, and positive or
negative logic. This series has over load, over temperature, and short circuit protection, as well as
UL60950-1, EN60950-1, and IEC60950-1 safety approvals. It is RoHS II and REACH compliant. Please call
factory for order details.
MODEL SELECTION TABLE
Model Number
Input Voltage
Range
Output Voltage
Output Current
@Full Load
Efficiency
Package
ON/OFF Logic
POLS06-05T
5VDC
(2.4~5.5VDC)
0.75~3.3VDC
6A
94%
SMD
Negative
POLS06-05T-P
Positive
POLT06-05T
5VDC
(2.4~5.5VDC)
0.75~3.3VDC
6A
94%
SIP Vertical
Negative
POLT06-05T-P
Positive
POLT06-05TA
SIP Horizontal
Negative
POLT60-05TA-P
Positive


Similar Part No. - POLT06-05T-P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POLT06-05T-P WALL-POLT06-05T-P Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
More results

Similar Description - POLT06-05T-P

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
POL10-05T WALL-POL10-05T Datasheet
320Kb / 5P
   POL10-05T SERIES
POL06-12T WALL-POL06-12T Datasheet
426Kb / 5P
   POL06-12T SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com