Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6043062 Datasheet(PDF) 3 Page - SICK AG

Part # 6043062
Description  TEMPERATURE SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6043062 Datasheet(HTML) 3 Page - SICK AG

  6043062 Datasheet HTML 1Page - SICK AG 6043062 Datasheet HTML 2Page - SICK AG 6043062 Datasheet HTML 3Page - SICK AG 6043062 Datasheet HTML 4Page - SICK AG 6043062 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TBT-1AAS11506GZ | TBT
TEMPERATURE SENSORS
Initialization time
< 1 ms
1) IP enclosure rating as per IEC 60529. The enclosure rating classes specified only apply while the device is connected with male cable connectors of the correspond-
ing enclosure rating.
Ambient data
Ambient temperature
–40 °C ... +85 °C
Storage and transport temperature
–40 °C ... +60 °C
Shock resistance according to IEC 60751
500 g
Vibration resistance according to
IEC 60751
3 g
Classifications
ECl@ss 5.0
27200208
ECl@ss 5.1.4
27200208
ECl@ss 6.0
27200208
ECl@ss 6.2
27200208
ECl@ss 7.0
27200208
ECl@ss 8.0
27200208
ECl@ss 8.1
27200208
ECl@ss 9.0
27200208
ETIM 5.0
EC001446
ETIM 6.0
EC001446
UNSPSC 16.0901
41112211
Dimensional drawing (Dimensions in mm (inch))
Process connections, cylindrical threads
D
27
(1.06)
D
27
(1.06)
14
(0.55)
D
27
(1.06)
Thread, up to 150 °C
Thread, up to 250 °C
Compression fitting
2017-02-23 11:18:08 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3


Similar Part No. - 6043062

ManufacturerPart #DatasheetDescription
logo
SICK AG
6043060 SICK-6043060 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043061 SICK-6043061 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043063 SICK-6043063 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043064 SICK-6043064 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043065 SICK-6043065 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
More results

Similar Description - 6043062

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com