Electronic Components Datasheet Search |
|
BDX86 Datasheet(PDF) 1 Page - Central Semiconductor Corp |
|
BDX86 Datasheet(HTML) 1 Page - Central Semiconductor Corp |
|
1 / 1 page 2N6674 2N6675 NPN SILICON POWER TRANSISTOR DESCRIPTION: The CENTRAL SEMICONDUCTOR 2N6674, 2N6675 types are NPN Silicon Triple Diffused Mesa Power Transistors designed for high voltage switching applications. MARKING: FULL PART NUMBER MAXIMUM RATINGS: (TC=25°C) SYMBOL 2N6674 2N6675 UNITS Collector-Emitter Voltage VCEV 450 650 V Collector-Emitter Voltage VCEO 300 400 V Emitter-Base Voltage VEBO 7.0 V Continuous Collector Current IC 15 A Peak Collector Current ICM 20 A Continuous Base Current IB 5.0 A Power Dissipation PD 175 W Operating and Storage Junction Temperature TJ, Tstg -65 to +200 °C Thermal Resistance ΘJC 1.0 °C/W ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted) SYMBOL TEST CONDITIONS MIN MAX UNITS ICEV VCE=Rated VCEV, VBE=1.5V 0.1 mA ICEV VCE=Rated VCEV, VBE=1.5V, TC=100°C 1.0 mA IEBO VEB=7.0V 2.0 mA BVCEO IC=200mA (2N6674) 300 V BVCEO IC=200mA (2N6675) 400 V VCE(SAT) IC=10A, IB=2.0A 1.0 V VCE(SAT) IC=10A, IB=2.0A, TC=100°C 2.0 V VCE(SAT) IC=15A, IB=5.0A 5.0 V VBE(SAT) IC=10A, IB=2.0A 1.5 V hFE VCE=2.0V, IC=10A 8.0 20 IS/b VCE=30V, IC=5.9A 1.0 s IS/b VCE=100V, IC=250mA 1.0 s hfe VCE=10V, IC=1.0A, f=5.0MHz 3.0 10 ft VCE=10V, IC=1.0A, f=5.0MHz 15 50 MHz Cob VCB=10V, IE=0, f=100kHz 150 500 pF TO-3 CASE R1 (10-March 2011) www.centr a lsemi.com |
Similar Part No. - BDX86 |
|
Similar Description - BDX86 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |