Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8101M1250F Datasheet(PDF) 11 Page - Motorola, Inc

Part # MSC8101M1250F
Description  Network Digital Signal Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSC8101M1250F Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MSC8101M1250F Datasheet HTML 7Page - Motorola, Inc MSC8101M1250F Datasheet HTML 8Page - Motorola, Inc MSC8101M1250F Datasheet HTML 9Page - Motorola, Inc MSC8101M1250F Datasheet HTML 10Page - Motorola, Inc MSC8101M1250F Datasheet HTML 11Page - Motorola, Inc MSC8101M1250F Datasheet HTML 12Page - Motorola, Inc MSC8101M1250F Datasheet HTML 13Page - Motorola, Inc MSC8101M1250F Datasheet HTML 14Page - Motorola, Inc MSC8101M1250F Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
System Bus, HDI16, and Interrupt Signals
MSC8101 Technical Data, Rev. 16
Freescale Semiconductor
1-7
Although there are eight interrupt request (IRQ) connections to the core processor, there are multiple external lines
that can connect to these internal signal lines. After reset, the default configuration includes two IRQ1 and two IRQ7
input lines. The designer must select one line for each required interrupt and reconfigure the other external signal
line or lines for alternate functions.
Table 1-5.
System Bus, HDI16, and Interrupt Signals
Signal
Data Flow
Description
A[0–31]
Input/Output
Address Bus
When the MSC8101 is in external master bus mode, these pins function as the address bus. The
MSC8101 drives the address of its internal bus masters and responds to addresses generated by
external bus masters. When the MSC8101 is in Internal Master Bus mode, these pins are used as
address lines connected to memory devices and are controlled by the MSC8101 memory controller.
TT[0–4]
Input/Output
Bus Transfer Type
The bus master drives these pins during the address tenure to specify the type of transaction.
TSIZ[0–3]
Input/Output
Transfer Size
The bus master drives these pins with a value indicating the number of bytes transferred in the
current transaction.
TBST
Input/Output
Bus Transfer Burst
The bus master asserts this pin to indicate that the current transaction is a burst transaction
(transfers four quad words).
IRQ1
GBL
Input
Input/Output
Interrupt Request 11
One of eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
Global
1
When a master within the chip initiates a bus transaction, it drives this pin. When an external master
initiates a bus transaction, it should drive this pin. Assertion of this pin indicates that the transfer is
global and it should be snooped by caches in the system.
Reserved
BADDR29
IRQ2
Output
Output
Input
The primary configuration is reserved.
Burst Address 29
1
One of five outputs of the memory controller. These pins connect directly to memory devices
controlled by the MSC8101 memory controller.
Interrupt Request 21
One of eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
Reserved
BADDR30
IRQ3
Output
Output
Input
The primary configuration is reserved.
Burst Address 30
1
One of five outputs of the memory controller. These pins connect directly to memory devices
controlled by the MSC8101 memory controller.
Interrupt Request 31
One of eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.
Reserved
BADDR31
IRQ5
Output
Output
Input
The primary configuration is reserved.
Burst Address 31
1
One of five outputs of the memory controller. These pins connect directly to memory devices
controlled by the MSC8101 memory controller.
Interrupt Request 51
One of eight external lines that can request a service routine, via the internal interrupt controller,
from the SC140 core.


Similar Part No. - MSC8101M1250F

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8101 FREESCALE-MSC8101 Datasheet
378Kb / 28P
   Silicon Errata for the MSC8101 Processor, Mask 0K40A
logo
STMicroelectronics
MSC81010 STMICROELECTRONICS-MSC81010 Datasheet
101Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
logo
NXP Semiconductors
MSC8101ADS NXP-MSC8101ADS Datasheet
1Mb / 2P
   CODEWARRIORTM DEVELOPMENT SYSTEM
REV 0
logo
Freescale Semiconductor...
MSC8101UG/D FREESCALE-MSC8101UG/D Datasheet
1Mb / 104P
   Network Digital Signal Processor
More results

Similar Description - MSC8101M1250F

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8103 FREESCALE-MSC8103 Datasheet
1Mb / 104P
   Network Digital Signal Processor
MSC8103 FREESCALE-MSC8103_08 Datasheet
1Mb / 104P
   Network Digital Signal Processor
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com