Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8101M1250F Datasheet(PDF) 3 Page - Motorola, Inc

Part # MSC8101M1250F
Description  Network Digital Signal Processor
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSC8101M1250F Datasheet(HTML) 3 Page - Motorola, Inc

  MSC8101M1250F Datasheet HTML 1Page - Motorola, Inc MSC8101M1250F Datasheet HTML 2Page - Motorola, Inc MSC8101M1250F Datasheet HTML 3Page - Motorola, Inc MSC8101M1250F Datasheet HTML 4Page - Motorola, Inc MSC8101M1250F Datasheet HTML 5Page - Motorola, Inc MSC8101M1250F Datasheet HTML 6Page - Motorola, Inc MSC8101M1250F Datasheet HTML 7Page - Motorola, Inc MSC8101M1250F Datasheet HTML 8Page - Motorola, Inc MSC8101M1250F Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
MSC8101 Technical Data, Rev. 16
Freescale Semiconductor
iii
MSC8101 Features
•SC140 core
— Architecture optimized for efficient C/C++ code compilation
— Four 16-bit ALUs and two 32-bit AGUs
— 1200 DSP MMACS running at 300 MHz
— Very low power dissipation
— Variable-length execution set (VLES) execution model
— JTAG/Enhanced OnCE debug port
Communications processor module (CPM)
— Programmable protocol machine using a 32-bit RISC engine
— 155 Mbps ATM interface (including AAL 0/1/2/5)
— 10/100 Mbit Ethernet interface
— Up to four E1/T1 interfaces or one E3/T3 interface and one E1/T1 interface
— HDLC support up to T3 rates, or 256 channels
64- or 32-bit wide bus interface
— Support for bursts for high efficiency
— Glueless interface to 60x-compatible bus systems
— Multi-master support
Enhanced filter coprocessor (EFCOP)
— Independently and concurrently executes long filters (such as echo cancellation)
— Runs at 250/275/300 MHz and provides 250/275/300 MMACS performance
Programmable memory controller
— Control for up to eight banks of external memory
— User-programmable machines (UPM) allowing glueless interface to various memory types (SRAM, DRAM,
EPROM, and Flash memory) and other user-definable peripherals
— Dedicated pipelined SDRAM memory interface
Large internal SRAM
— 256K 16-bit words (512 KB)
— Unified program and data space configurable by the application
— Word and byte addressable
•DMA controller
— 16 DMA channels, FIFO based, with burst capabilities
— Sophisticated addressing capabilities
Small foot print package
—17 mm
× 17 mm lidded FC-PBGA package
Very low power consumption
— Separate power supply for internal logic (1.6 V) and for I/O (3.3 V)
Enhanced 16-bit parallel host interface (HDI16)
— Supports a variety of microcontroller, microprocessor, and DSP bus interfaces
Phase-lock loops (PLLs)
—System PLL
— CPM DPLLs (SCC and SCM)
Process technology
— 0.13 micron copper interconnect process technology


Similar Part No. - MSC8101M1250F

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8101 FREESCALE-MSC8101 Datasheet
378Kb / 28P
   Silicon Errata for the MSC8101 Processor, Mask 0K40A
logo
STMicroelectronics
MSC81010 STMICROELECTRONICS-MSC81010 Datasheet
101Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
logo
NXP Semiconductors
MSC8101ADS NXP-MSC8101ADS Datasheet
1Mb / 2P
   CODEWARRIORTM DEVELOPMENT SYSTEM
REV 0
logo
Freescale Semiconductor...
MSC8101UG/D FREESCALE-MSC8101UG/D Datasheet
1Mb / 104P
   Network Digital Signal Processor
More results

Similar Description - MSC8101M1250F

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8103 FREESCALE-MSC8103 Datasheet
1Mb / 104P
   Network Digital Signal Processor
MSC8103 FREESCALE-MSC8103_08 Datasheet
1Mb / 104P
   Network Digital Signal Processor
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com