Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA460-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PGA460-Q1
Description  Automotive Ultrasonic Signal Processor and Transducer Driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA460-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  PGA460-Q1 Datasheet HTML 1Page - Texas Instruments PGA460-Q1 Datasheet HTML 2Page - Texas Instruments PGA460-Q1 Datasheet HTML 3Page - Texas Instruments PGA460-Q1 Datasheet HTML 4Page - Texas Instruments PGA460-Q1 Datasheet HTML 5Page - Texas Instruments PGA460-Q1 Datasheet HTML 6Page - Texas Instruments PGA460-Q1 Datasheet HTML 7Page - Texas Instruments PGA460-Q1 Datasheet HTML 8Page - Texas Instruments PGA460-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
VIN
GND
GNDP
OUTA
OUTB
AVDD
IOREG
VPWR
INP
INN
IO
DECPL
TXD
RXD
To ECU/
BCM
100 …F
100 nF
100 nF
100 nF
CT
C(INP)
C(INN)
To MCU
(optional)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
PGA460-Q1
SLASEC8 – FEBRUARY 2017
PGA460-Q1 Automotive Ultrasonic Signal Processor and Transducer Driver
1
1 Features
1
Fully Integrated Solution for Ultrasonic Sensing
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 2: –40°C to
+105°C Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
Complimentary Low-Side Drivers With
Configurable Current Limit Supporting Both
Transformer Based and Direct Drive Topology for
Transducer Excitation
Single Transducer for Both Burst/Listen or a
Transducer Pair, One for Burst and Other for
Listen Operation
Low-Noise Receiver With Programmable 6-Point
Time-Varying Gain (32 to 90 dB) With DSP (BPF,
Demodulation) for Echo Envelope Detection
Two Presets of 12-Point Time-Varying Threshold
for Object Detection
Timers to Measure Multiple Echo Distance and
Duration
Integrated Temperature Sensor
Record Time for Object Detection up to 11 m
128 Bytes of RAM for Echo Recording
42 Bytes of User EEPROM to Store Configuration
for Fast Initialization
One-Wire High-Voltage Time-Command Interface
or USART Asynchronous Interface
CMOS Level USART Interface
Sensor Diagnostics (Decay Frequency and Time,
Excitation Voltage), Supply, and Transceiver
Diagnostics.
2 Applications
Ultrasonic Radar
Automotive Park Assist
Lane-Departure and Collision Warning
Object distance and Position Sensing
Presence and Proximity Detection
Drone and Robotics Landing Assist and Obstacle
Detection
Automotive and Industrial Door-Opening Sensing
Automotive Motion Sensor for Intrusion Detection
Alarm
Occupancy and Motion Sensors
3 Description
The PGA460-Q1 device is a highly-integrated system
on-chip
ultrasonic
transducer
driver
and
signal
conditioner with an advanced DSP core. The device
has a complimentary low-side driver pair that can
drive a transducer either in a transformer based
topology using a step-up transformer or in a direct-
drive topology using external high-side FETs. The
device can receive and condition the reflected echo
signal for reliable object detection. This feature is
accomplished
using
an
analog
front-end
(AFE)
consisting of a low-noise amplifier followed by a
programmable time-varying gain stage feeding into
an ADC. The digitized signal is processed in the DSP
core for both near-field and far-field object detection
using time-varying thresholds.
The main communication with an external controller is
achieved by either a time-command interface (TCI) or
a one-wire USART asynchronous interface on the IO
pin, or a CMOS-level USART interface on the RXD
and TXD pins. The PGA460-Q1 can be put in ultra-
low quiescent current low-power mode to reduce
power consumption when not in use and can be
woken up by commands on the communication
interfaces.
The
PGA460-Q1
also
includes
on-chip
system
diagnostics which monitor transducer voltage during
burst, frequency and decay time of transducer to
provide
information
about
the
integrity
of
the
excitation as well as supply-side and transceiver-side
diagnostics for overvoltage, undervoltage, overcurrent
and short-circuit scenarios.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PGA460-Q1
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Diagram (Transformer Drive)


Similar Part No. - PGA460-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA460 TI1-PGA460 Datasheet
1Mb / 114P
[Old version datasheet]   Ultrasonic Signal Processor and Transducer Driver
PGA460TPW TI1-PGA460TPW Datasheet
1Mb / 114P
[Old version datasheet]   Ultrasonic Signal Processor and Transducer Driver
PGA460TPWR TI1-PGA460TPWR Datasheet
1Mb / 114P
[Old version datasheet]   Ultrasonic Signal Processor and Transducer Driver
More results

Similar Description - PGA460-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA460 TI1-PGA460 Datasheet
1Mb / 114P
[Old version datasheet]   Ultrasonic Signal Processor and Transducer Driver
logo
ELMOS Semiconductor AG
E524.08 ELMOS-E524.08 Datasheet
207Kb / 2P
   2nd Generation Ultrasonic Transducer Driver and Signal Processor
E524.03 ELMOS-E524.03 Datasheet
304Kb / 2P
   DIGITAL ULTRASONIC TRANSCEIVER DRIVER AND SIGNAL PROCESSOR
E524.02 ELMOS-E524.02 Datasheet
306Kb / 2P
   DIGITAL ULTRASONIC TRANSCEIVER DRIVER AND SIGNAL PROCESSOR
logo
Pepperl+Fuchs Inc.
USI2500-27X13E-3M-V3 PF-USI2500-27X13E-3M-V3 Datasheet
670Kb / 2P
   Ultrasonic transducer
logo
Thinking Electronic Ind...
ZUT45282S THINKING-ZUT45282S Datasheet
67Kb / 2P
   Piezoelectric Ultrasonic Transducer
logo
Soberton Inc.
US-4112 SOBERTON-US-4112 Datasheet
242Kb / 5P
   US ULTRASONIC TRANSDUCER
logo
Thinking Electronic Ind...
ZUS040CA001 THINKING-ZUS040CA001 Datasheet
301Kb / 4P
   Piezoelectric Ultrasonic Transducer Sensor
logo
Murata Manufacturing Co...
MASPOPRE MURATA-MASPOPRE Datasheet
248Kb / 6P
   Reference specification of Ultrasonic Transducer
logo
Panasonic Semiconductor
AN2546FH-A PANASONIC-AN2546FH-A Datasheet
431Kb / 29P
   Automotive LCD TV signal processor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com