Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA460-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PGA460-Q1
Description  Automotive Ultrasonic Signal Processor and Transducer Driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA460-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PGA460-Q1 Datasheet HTML 7Page - Texas Instruments PGA460-Q1 Datasheet HTML 8Page - Texas Instruments PGA460-Q1 Datasheet HTML 9Page - Texas Instruments PGA460-Q1 Datasheet HTML 10Page - Texas Instruments PGA460-Q1 Datasheet HTML 11Page - Texas Instruments PGA460-Q1 Datasheet HTML 12Page - Texas Instruments PGA460-Q1 Datasheet HTML 13Page - Texas Instruments PGA460-Q1 Datasheet HTML 14Page - Texas Instruments PGA460-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
(CORE _ CLK)
(DRV)
f
n
f
(DRV)
f
0.2 kHz
f
30 kHz
u
11
PGA460-Q1
www.ti.com
SLASEC8 – FEBRUARY 2017
Product Folder Links: PGA460-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Burst Generation
The PGA460-Q1 device has a programmable frequency for the burst and number of pulse by configuring the
FREQ and P1_PULSE/P2_PULSE registers.
Use Equation 1 to calculate the frequency of burst for a range of 30 kHz to 80 kHz (FREQ_SHIFT bit set to 0).
where
f is the frequency which can be from 0 to 200 as defined in the FREQUENCY register.
(1)
The actual driving frequency of the output stage is derived from the core clock frequency using Equation 1 and
Equation 2
where
n is the ratio by which the main oscillator f(CORE_CLK) is divided.
(2)
The PULSE_P1 and PULSE_P2 registers can range from 0 to 31. When set to a value of M that is greater than
0, the M pulse pairs are generated on the OUTA and OUTB outputs.
7.3.2.1 Using Center-Tap Transformer
The PGA460-Q1 device provides efficient burst generation by exciting the primary side of a center-tap
transformer connected on the OUTA and OUTB pins through the complementary low-side FETs operating in a
current limiting mode. The frequency of the burst is from 30 kHz to 80 kHz with the current limit from 50 mA to
500 mA. The frequency of the burst, the current limit for transformer primary current, and the number of burst
pulses can be controlled by using the FREQUENCY, CURR_LIM_P1, CURR_LIM_P12, PULSE_P1, and
PULSE_P2 parameters respectively.
Figure 3 shows the functional block diagram for echo generation.


Similar Part No. - PGA460-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA460 TI1-PGA460 Datasheet
1Mb / 114P
[Old version datasheet]   Ultrasonic Signal Processor and Transducer Driver
PGA460TPW TI1-PGA460TPW Datasheet
1Mb / 114P
[Old version datasheet]   Ultrasonic Signal Processor and Transducer Driver
PGA460TPWR TI1-PGA460TPWR Datasheet
1Mb / 114P
[Old version datasheet]   Ultrasonic Signal Processor and Transducer Driver
More results

Similar Description - PGA460-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA460 TI1-PGA460 Datasheet
1Mb / 114P
[Old version datasheet]   Ultrasonic Signal Processor and Transducer Driver
logo
ELMOS Semiconductor AG
E524.08 ELMOS-E524.08 Datasheet
207Kb / 2P
   2nd Generation Ultrasonic Transducer Driver and Signal Processor
E524.03 ELMOS-E524.03 Datasheet
304Kb / 2P
   DIGITAL ULTRASONIC TRANSCEIVER DRIVER AND SIGNAL PROCESSOR
E524.02 ELMOS-E524.02 Datasheet
306Kb / 2P
   DIGITAL ULTRASONIC TRANSCEIVER DRIVER AND SIGNAL PROCESSOR
logo
Pepperl+Fuchs Inc.
USI2500-27X13E-3M-V3 PF-USI2500-27X13E-3M-V3 Datasheet
670Kb / 2P
   Ultrasonic transducer
logo
Thinking Electronic Ind...
ZUT45282S THINKING-ZUT45282S Datasheet
67Kb / 2P
   Piezoelectric Ultrasonic Transducer
logo
Soberton Inc.
US-4112 SOBERTON-US-4112 Datasheet
242Kb / 5P
   US ULTRASONIC TRANSDUCER
logo
Thinking Electronic Ind...
ZUS040CA001 THINKING-ZUS040CA001 Datasheet
301Kb / 4P
   Piezoelectric Ultrasonic Transducer Sensor
logo
Murata Manufacturing Co...
MASPOPRE MURATA-MASPOPRE Datasheet
248Kb / 6P
   Reference specification of Ultrasonic Transducer
logo
Panasonic Semiconductor
AN2546FH-A PANASONIC-AN2546FH-A Datasheet
431Kb / 29P
   Automotive LCD TV signal processor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com