Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61256CYFFT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61256CYFFT
Description  3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61256CYFFT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61256CYFFT Datasheet HTML 5Page - Texas Instruments TPS61256CYFFT Datasheet HTML 6Page - Texas Instruments TPS61256CYFFT Datasheet HTML 7Page - Texas Instruments TPS61256CYFFT Datasheet HTML 8Page - Texas Instruments TPS61256CYFFT Datasheet HTML 9Page - Texas Instruments TPS61256CYFFT Datasheet HTML 10Page - Texas Instruments TPS61256CYFFT Datasheet HTML 11Page - Texas Instruments TPS61256CYFFT Datasheet HTML 12Page - Texas Instruments TPS61256CYFFT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
f
D
L
V
I
IN
L
×
=
I
= I
VALLEY
LIM
IL
f
IPEAK
Rectifier
Current
IOUT(DC)
Inductorr
Current
Increased
Load Current
IIN(DC)
IIN(DC)
Current Limit
Threshold
IOUT(CL)
DIL
DIL
IN
L
V
D
I =
L
f
D
g
IN
OUT
V
D
1
V
h
=
-
g
-
D
g
OUT(CL)
VALLEY
L
1
I
= (1 D)
(I
+
I )
2
9
TPS61256C
www.ti.com
SLVSDQ1 – FEBRUARY 2017
Product Folder Links: TPS61256C
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Current Limit Operation
The TPS61256xC device employs a valley current limit sensing scheme. Current limit detection occurs during the
off-time by sensing of the voltage drop across the synchronous rectifier.
The output voltage is reduced as the power stage of the device operates in a constant current mode. The
maximum continuous output current (IOUT(CL)), before entering current limit (CL) operation, can be defined by
Equation 1.
(1)
The duty cycle (D) can be estimated by Equation 2
(2)
and the peak-to-peak current ripple (ΔIL) is calculated by Equation 3
(3)
The output current, IOUT(DC), is the average of the rectifier ripple current waveform. When the load current is
increased such that the lower peak is above the current limit threshold, the off-time is increased to allow the
current to decrease to this threshold before the next on-time begins (so called frequency fold-back mechanism).
When the current limit is reached the output voltage decreases during further load increase.
Figure 8 illustrates the inductor and rectifier current waveforms during current limit operation.
Figure 8. Inductor/Rectifier Currents in Current Limit Operation
9.3.2 Enable
The TPS61256xC device starts operation when EN is set high and starts up with the soft-start sequence. For
proper operation, the EN pin must be terminated and must not be left floating.
Pulling the EN low and Vin above UVLO, the device is in the forced pass-through mode and the output voltage
follows the input voltage (with a voltage drop of the inductor DCR and Rdson of HS FET).
9.3.3 Softstart
The TPS61256xC device has an internal softstart circuit that limits the inrush current during start-up. The first
step in the start-up cycle is the pre-charge phase. During pre-charge, the rectifying switch is turned on until the
output capacitor is charged to a value close to the input voltage. The rectifying switch is current limited (500 mA
min.) during this phase. This mechanism is used to limit the output current under short-circuit condition.


Similar Part No. - TPS61256CYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61256 TI1-TPS61256 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61256 TI-TPS61256 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS612561A TI-TPS612561A Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS612561A TI1-TPS612561A Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
More results

Similar Description - TPS61256CYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253 TI1-TPS61253 Datasheet
5Mb / 34P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com