Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWIC930 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MWIC930
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MWIC930 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MWIC930 Datasheet HTML 4Page - Motorola, Inc MWIC930 Datasheet HTML 5Page - Motorola, Inc MWIC930 Datasheet HTML 6Page - Motorola, Inc MWIC930 Datasheet HTML 7Page - Motorola, Inc MWIC930 Datasheet HTML 8Page - Motorola, Inc MWIC930 Datasheet HTML 9Page - Motorola, Inc MWIC930 Datasheet HTML 10Page - Motorola, Inc MWIC930 Datasheet HTML 11Page - Motorola, Inc MWIC930 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MWIC930R1 MWIC930GR1
Figure 13. Series Equivalent Input and Load Impedance
f
MHz
Zin
Zload
740
760
780
26.61 - j3.68
28.22 + j2.21
26.88 - j0.53
4.28 + j2.99
4.37 + j2.91
4.39 + j2.79
VDD = 27 Vdc, IDQ1 = 90 mA, IDQ2 = 240 mA, Pout = 5 W Avg.
Zin
= Device input impedance as measured from
RF input to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z in
Z load
Device
Under Test
Output
Matching
Network
800
820
840
30.57 + j4.31
37.83 + j5.30
33.79 + j5.53
4.34 + j2.64
4.21 + j2.54
4.06 + j2.52
860
880
900
41.92 + j3.42
47.77 - j5.84
45.58 - j0.40
3.90 + j2.58
3.73 + j2.70
3.59 + j2.93
920
940
960
47.83 - j12.15
41.58 - j22.64
45.55 - j18.05
3.43 + j3.17
3.28 + j3.44
3.13 + j3.75
1
f = 960 MHz
f = 740 MHz
Zo = 50 Ω
Zin
Zload
f = 960 MHz
f = 740 MHz


Similar Part No. - MWIC930

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MWIC930 NXP-MWIC930 Datasheet
686Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
logo
Freescale Semiconductor...
MWIC930GNR1 FREESCALE-MWIC930GNR1 Datasheet
545Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MWIC930GR1 NXP-MWIC930GR1 Datasheet
686Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
logo
Freescale Semiconductor...
MWIC930NR1 FREESCALE-MWIC930NR1 Datasheet
545Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MWIC930R1 NXP-MWIC930R1 Datasheet
686Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
More results

Similar Description - MWIC930

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com