Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV8870-1 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MV8870-1
Description  INTERGRATED DTMF RECEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MV8870-1 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MV8870-1 Datasheet HTML 1Page - Zarlink Semiconductor Inc MV8870-1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MV8870-1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MV8870-1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MV8870-1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MV8870-1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MV8870-1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MV8870-1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MV8870-1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MV8870/MV8870-1
1
DS3140-2.1
MV8870 / MV8870-1
INTEGRATED DTMF RECEIVER
DIGITAL
DETECTION
ALGORITHM
CODE
CONVERTER
AND LATCH
HIGH GROUP FILTER
DIAL TONE FILTER
LOW GROUP FILTER
ZERO
CROSSING
DETECTORS
STEERING LOGIC
CHIP
CLOCKS
BIAS CIRCUIT
CHIP
POWER
CHIP
BIAS
1(1)
2(2)
3(3)
IN+
IN-
GS
18(28)
VDD
VSS
9(14)
VREF
4(5)
FLT
(22)
OSC1
7(12)
OSC2
8(13)
FL
(21)
ESt
16(26)
StD
15(25)
St/GT
17(27)
TOE
10(16)
Q4
14(20)
Q3
13(19)
Q2
12(18)
Q1
11(17)
FH
(9)
FHT
(8)
PD
6(10)
SEL
5(7)
Figure 2: Functional block diagram (Pin numbers in brackets refer to HP package)
Figure 1: Pin connections - top view
25
24
23
22
21
20
19
5
6
7
8
9
10
11
VREF
NC
SEL
FHT
FH
PD
NC
StD
NC
NC
FLT
FL
Q4
Q3
HP28
IN+
IN-
GS
VREF
SEL
PD
OSC1
OSC2
VSS
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
VDD
St/GT
ESt
StD
Q4
Q3
Q2
Q1
TOE
DG18
DP18
MP18
The MV8870 / MV8870-1 is a complete DTMF receiver
integrating both the bandsplit filter and digital decoder
functions, fabricated in GPS’s double-poly ISO2-CMOS
technology. The filter section uses switched capacitor
techniques for high and low group filters; the decoder uses
digital counting techniques to detect and decode all 16 DTMF
tone pairs into a 4-bit code.
External component count is minimised by on-chip
provision of a differential input amplifier, clock oscillator and
latched 3-state bus interface.
The MV8870 and MV8870-1 are functionally identical, but
differ in Electrical Characteristics.
FEATURES
s Complete DTMF Receiver
s Low Power Consumption
s Internal Gain Setting Amplifier
s Adjustable Guard Time
s Central Office Quality
APPLICATIONS
s Receiver Systems for BT or CEPT Specifications
s Paging Sytems
s Repeater Systems / Mobile Radio
s Credit Card Systems
s Remote Control
ADVANCE INFORMATION


Similar Part No. - MV8870-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV8803 FAIRCHILD-MV8803 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8804 FAIRCHILD-MV8804 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8805 FAIRCHILD-MV8805 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8806 FAIRCHILD-MV8806 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV880X FAIRCHILD-MV880X Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results

Similar Description - MV8870-1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
   DTMF Receiver
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com